Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8900A Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 20Page - Cirrus Logic CS8900A Datasheet HTML 21Page - Cirrus Logic CS8900A Datasheet HTML 22Page - Cirrus Logic CS8900A Datasheet HTML 23Page - Cirrus Logic CS8900A Datasheet HTML 24Page - Cirrus Logic CS8900A Datasheet HTML 25Page - Cirrus Logic CS8900A Datasheet HTML 26Page - Cirrus Logic CS8900A Datasheet HTML 27Page - Cirrus Logic CS8900A Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 128 page
background image
24
DS271PP3
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
’C46 or ’CS46. If EEDI is high, the EEPROM is a
’C56, ’CS56, ’C66, or ’CS66.
3.4.7.2 Loading Configuration Data
The CS8900A reads in the first word from the EE-
PROM to determine if configuration data is con-
tained in the EEPROM. If configuration data is not
stored in the EEPROM, the CS8900A terminates
initialization from EEPROM and operates using its
default configuration (See Table 3). If configura-
tion data is stored in EEPROM, the CS8900A auto-
matically loads all configuration data stored in the
Reset Configuration Block into its internal Pack-
etPage registers.
3.4.8 EEPROM Read-out Completion
Once all the configuration data are transferred to
the appropriate PacketPage registers, the CS8900A
performs a checksum calculation to verify the Re-
set Configuration Blocks data are valid. If the re-
sulting total is 0, the read-out is considered valid.
Otherwise, the CS8900A initiates a partial reset to
restore the default configuration.
If the read-out is valid, the EEPROMOK bit (Reg-
ister 16, SelfST, bit A) is set. EEPROMOK is
cleared if a checksum error is detected. In this case,
the CS8900A performs a partial reset and is re-
stored to its default. Once initialization is complete
(configuration loaded from EEPROM or reset to
default configuration) the INITD bit is set (Register
16, SelfST, bit 7).
3.5 Programming the EEPROM
After initialization, the host can access the EE-
PROM through the CS8900A by writing one of
seven commands to the EEPROM Command regis-
ter (PacketPage base + 0040h). Figure 5 shows the
format of the EEPROM Command register.
3.5.1 EEPROM Commands
The seven commands used to access the EEPROM
are: Read, Write, Erase, Erase/Write Enable,
Erase/Write Disable, Erase-All, and Write-All.
They are described in Table 7.
3.5.2 EEPROM Command Execution
During the execution of a command, the two Op-
code bits, followed by the six bits of address (for a
’C46 or ’CS46) or eight bits of address (for a ’C56,
’CS56, ’C66 or ’CS66), are shifted out of the
CS8900A, into the EEPROM. If the command is a
Write, the data in the EEPROM Data register
(PacketPage base + 0042h) follows. If the com-
mand is a Read, the data in the specified EEPROM
F
X
E
X
D
X
C
X
B
X
ELSEL OP1 OP0
A9
8
AD5 AD4
54
76
AD7 AD6
10
32
AD1 AD0
AD3 AD2
AD5 - AD0 used with
’C46 and ’CS46
AD7 - AD0 used with ’C56,
’CS56, ’C66 and ’CS66
Figure 5. EEPROM Command Register Format
Bit
Name
Description
[F:B]
Reserved
[A]
ELSEL
External Logic Select: When clear, the EECS pin is used to select the EEPROM.
When set, the ELCS pin is used to select the external LA decode circuit.
[9:8]
OP1, OP0
Opcode: Indicates what command is being executed (see next section).
[7:0]
AD7 to AD0
EEPROM Address: Address of EEPROM word being accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com