Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8900A Datasheet(PDF) 38 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 34Page - Cirrus Logic CS8900A Datasheet HTML 35Page - Cirrus Logic CS8900A Datasheet HTML 36Page - Cirrus Logic CS8900A Datasheet HTML 37Page - Cirrus Logic CS8900A Datasheet HTML 38Page - Cirrus Logic CS8900A Datasheet HTML 39Page - Cirrus Logic CS8900A Datasheet HTML 40Page - Cirrus Logic CS8900A Datasheet HTML 41Page - Cirrus Logic CS8900A Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 128 page
background image
38
DS271PP3
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
sion, or if the Carrier Sense signal is deasserted
before the end of the transmission, there is a Loss-
of-Carrier error and the Loss-of-CRS bit (Register
8, TxEvent, Bit 6) is set.
3.12.2 AUI Receiver
The AUI receiver is a differential pair circuit that
connects directly to the DI+/DI- pins. It is designed
to distinguish between transient noise pulses and
incoming Ethernet packets. Incoming packets with
proper amplitude and pulse width are passed on to
the ENDEC section, while unwanted noise is re-
jected.
3.12.3 Collision Detection
The AUI collision circuit is a differential pair re-
ceiver that detects the presence of collision signals
on the CI+/CI- pins. The collision signal is generat-
ed by an external Ethernet transceiver whenever a
collision is detected on the Ethernet segment. (Sec-
tion 7.3.1.2 of ISO/IEC 8802-3, 1993, defines the
collision signal as a 10 MHz ± 15% signal with a
duty cycle no worse than 60/40). When a collision
is present, the AUI Collision circuit informs the
MAC by asserting the internal Collision signal.
3.13 External Clock Oscillator
A 20-MHz quartz crystal or CMOS clock input is
required by the CS8900A. If a CMOS clock input
is used, it should be connected the to XTAL1 pin,
with the XTAL2 pin left open. The clock signal
should be 20 MHz
±0.01% with a duty cycle be-
tween 40% and 60%. The specifications for the
crystal are described in Section 7.7 on page 121.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com