Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8900A Datasheet(PDF) 71 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 71 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 67Page - Cirrus Logic CS8900A Datasheet HTML 68Page - Cirrus Logic CS8900A Datasheet HTML 69Page - Cirrus Logic CS8900A Datasheet HTML 70Page - Cirrus Logic CS8900A Datasheet HTML 71Page - Cirrus Logic CS8900A Datasheet HTML 72Page - Cirrus Logic CS8900A Datasheet HTML 73Page - Cirrus Logic CS8900A Datasheet HTML 74Page - Cirrus Logic CS8900A Datasheet HTML 75Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 128 page
background image
DS271PP3
71
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
4.5 Initiate Transmit Registers
4.5.1 Transmit Command Request - TxCMD
(Write-only, Address: PacketPage base + 0144h)
The word written to PacketPage base + 0144h tells the CS8900A how the next packet should be transmitted. This
PacketPage location is write-only, and the written word can be read from Register 9, at PacketPage base + 0108h.
The CS8900A does not transmit a frame if TxLength (at PacketPage location base + 0146h) is less than 3. See
Section 5.7 on page 99.
001001
These bits provide an internal address used by the CS8900A to identify this as the Transmit
Command Register. When reading this register, these bits will be 001001, where the LSB cor-
responds to Bit 0.
TxStart
This pair of bits determines how many bytes are transferred to the CS8900A before the MAC
starts the packet transmit process.
Bit 7
Bit 6
0
0
Start transmission after 5 bytes are in the CS8900A
0
1
Start transmission after 381 bytes are in the CS8900A
1
0
Start transmission after 1021 bytes are in the CS8900A
1
1
Start transmission after the entire frame is in the CS8900A
Force
When set in conjunction with a new transmit command, any transmit frames waiting in the trans-
mit buffer are deleted. If a previous packet has started transmission, that packet is terminated
within 64 bit times with a bad CRC.
Onecoll
When this bit is set, any transmission will be terminated after only one collision. When clear, the
CS8900A allows up to 16 normal collisions before terminating the transmission.
InhibitCRC
When set, the CRC is not appended to the transmission.
TxPadDis
When TxPadDis is clear, if the host gives a transmit length less than 60 bytes and InhibitCRC
is set, then the CS8900A pads to 60 bytes. If the host gives a transmit length less than 60 bytes
and InhibitCRC is clear, then the CS8900A pads to 60 bytes and appends the CRC.
When TxPadDis is set, the CS8900A allows the transmission of runt frames (a frame less than
64 bytes). If InhibitCRC is clear, the CS8900A appends the CRC. If InhibitCRC is set, the
CS8900A does not append the CRC.
Since this register is write-only, it’s initial state after reset is undefined.
4.5.2 Transmit Length
(Write-only, Address: PacketPage base + 0146h)
This register is used in conjunction with register 9, TxCMD. When a transmission is initiated via a command in Tx-
CMD, the the length of the transmitted frame is written into this register. The length of the transmitted frame may be
modified by the configuration of the TxPadDis and InhibitCRC bits in the TxCMD register. See Table 35, and
Section 5.7 on page 99. TxLength must be >3 and < 1519.
Since this register is write-only, it’s initial state after reset is undefined.
765
4321
0
TxStart
001001
F
E
DCBA
9
8
TxPadDis
InhibitCRC
Onecoll
Force
Address 0147h
Address 0146h
Most-significant byte of Transmit Frame Length
Least-significant byte of Transmit Frame Length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com