Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8900A Datasheet(PDF) 68 Page - Cirrus Logic

Part # CS8900A
Description  Crystal LAN ??ISA Ethernet Controller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8900A Datasheet(HTML) 68 Page - Cirrus Logic

Back Button CS8900A Datasheet HTML 64Page - Cirrus Logic CS8900A Datasheet HTML 65Page - Cirrus Logic CS8900A Datasheet HTML 66Page - Cirrus Logic CS8900A Datasheet HTML 67Page - Cirrus Logic CS8900A Datasheet HTML 68Page - Cirrus Logic CS8900A Datasheet HTML 69Page - Cirrus Logic CS8900A Datasheet HTML 70Page - Cirrus Logic CS8900A Datasheet HTML 71Page - Cirrus Logic CS8900A Datasheet HTML 72Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 128 page
background image
68
DS271PP3
CS8900A
Crystal LAN™ ISA Ethernet Controller
CIRRUS LOGIC PRODUCT DATA SHEET
4.4.21 Register 18: Bus Status
(BusST, Read-only, Address: PacketPage base + 0138h)
BusST describes the status of the current transmit operation.
011000
These bits provide an internal address used by the CS8900A to identify this as the Bus Status
Register. When reading this register, these bits will be 011000, where the LSB corresponds to
Bit 0.
TxBidErr
If set, the host has commanded the CS8900A to transmit a frame that the CS8900A will not
send. Frames that the CS8900A will not send are:
1) Any frame greater than 1514 bytes, provided that InhibitCRC
(Register 9, TxCMD, Bit C) is clear.
2) Any frame greater than 1518 bytes.
Note that this bit is not set when transmit frames are too short.
Rdy4TxNOW
Rdy4TxNOW signals the host that the CS8900A is ready to accept a frame from the host for
transmission. This bit is similar to Rdy4Tx (Register C, BufEvent, Bit 8) except that there is no
interrupt associated with Rdy4TxNOW. The host can poll the CS8900A and check
Rdy4TxNOW to determine if the CS8900A is ready for transmit. (See Section 5.7 on page 99
for a description of the transmit bid process.)
Reset value is: 0000 0000 0001 1000
765
4321
0
TxBidErr
011000
F
E
DCBA
9
8
Rdy4Tx NOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com