Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B360R Datasheet(PDF) 134 Page - Cypress Semiconductor

Part # MB9B360R
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360R Datasheet(HTML) 134 Page - Cypress Semiconductor

Back Button MB9B360R Datasheet HTML 130Page - Cypress Semiconductor MB9B360R Datasheet HTML 131Page - Cypress Semiconductor MB9B360R Datasheet HTML 132Page - Cypress Semiconductor MB9B360R Datasheet HTML 133Page - Cypress Semiconductor MB9B360R Datasheet HTML 134Page - Cypress Semiconductor MB9B360R Datasheet HTML 135Page - Cypress Semiconductor MB9B360R Datasheet HTML 136Page - Cypress Semiconductor MB9B360R Datasheet HTML 137Page - Cypress Semiconductor MB9B360R Datasheet HTML 138Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 166 page
background image
Document Number: 002-04872 Rev.*A
Page 134 of 166
MB9B360R Series
12.4.15 I
2C Timing
Typical mode, high-speed mode
(VCC = 2.7V to 5.5V, VSS = 0V)
Parameter
Symbol
Conditions
Typical mode
High-speed mode
Unit
Remarks
Min
Max
Min
Max
SCL clock
frequency
FSCL
CL = 30pF,
R = (Vp/IOL)*
1
0
100
0
400
kHz
(Repeated)
START
condition
hold time
SDA
↓ →
SCL
↓
tHDSTA
4.0
-
0.6
-
μs
SCL clock
"L" width
tLOW
4.7
-
1.3
-
μs
SCL clock
"H" width
tHIGH
4.0
-
0.6
-
μs
(Repeated)
START
condition
setup time
SCL
↑ →
SDA
↓
tSUSTA
4.7
-
0.6
-
μs
Data hold
time
SCL
↓ →
SDA
↓ ↑
tHDDAT
0
3.45*
2
0
0.9*
3
μs
Data setup
time
SDA
↓ ↑ →
SCL
↑
tSUDAT
250
-
100
-
ns
STOP
condition
setup time
SCL
↑ →
SDA
↑
tSUSTO
4.0
-
0.6
-
μs
Bus free time
between
"STOP
condition"
and
"START
condition"
tBUF
4.7
-
1.3
-
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com