Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B360R Datasheet(PDF) 136 Page - Cypress Semiconductor

Part # MB9B360R
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360R Datasheet(HTML) 136 Page - Cypress Semiconductor

Back Button MB9B360R Datasheet HTML 132Page - Cypress Semiconductor MB9B360R Datasheet HTML 133Page - Cypress Semiconductor MB9B360R Datasheet HTML 134Page - Cypress Semiconductor MB9B360R Datasheet HTML 135Page - Cypress Semiconductor MB9B360R Datasheet HTML 136Page - Cypress Semiconductor MB9B360R Datasheet HTML 137Page - Cypress Semiconductor MB9B360R Datasheet HTML 138Page - Cypress Semiconductor MB9B360R Datasheet HTML 139Page - Cypress Semiconductor MB9B360R Datasheet HTML 140Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 166 page
background image
Document Number: 002-04872 Rev.*A
Page 136 of 166
MB9B360R Series
Fast mode plus (Fm+)
(VCC = 2.7V to 5.5V, VSS = 0V)
Parameter
Symbol
Conditions
Fast mode plus (Fm+)*
6
Unit
Remarks
Min
Max
SCL clock frequency
FSCL
CL = 30pF,
R = (Vp/IOL)*
1
0
1000
kHz
(Repeated) START
condition hold time
SDA
↓ → SCL ↓
tHDSTA
0.26
-
μs
SCL clock "L" width
tLOW
0.5
-
μs
SCL clock "H" width
tHIGH
0.26
-
μs
SCL clock frequency
tSUSTA
0.26
-
μs
(Repeated) START
condition hold time
SDA
↓ → SCL ↓
tHDDAT
0
0.45*
2, *3
μs
Data setup time
SDA
↓ ↑ → SCL ↑
tSUDAT
50
-
ns
STOP condition setup
time
SCL
↑ → SDA ↑
tSUSTO
0.26
-
μs
Bus free time between
"STOP condition" and
"START condition"
tBUF
0.5
-
μs
Noise filter
tSP
60MHz
≤
tCYCP<80MHz
6 tCYCP*
4
-
ns
*5
80MHz
≤
tCYCP<100MHz
8 tCYCP*
4
-
ns
100MHz
≤
tCYCP<120MHz
10 tCYCP*
4
-
ns
120MHz
≤
tCYCP<140MHz
12 tCYCP*
4
-
ns
140MHz
≤
tCYCP<160MHz
14 tCYCP*
4
-
ns
160MHz
≤
tCYCP<180MHz
16 tCYCP*
4
-
ns
*1 : R and CL represent the pull-up resistance and load capacitance of the SCL and SDA lines, respectively. Vp indicates the power
supply voltage of the pull-up resistance and IOL indicates VOL guaranteed current.
*2 : The maximum tHDDAT must satisfy that it does not extend at least "L" period (tLOW) of device's SCL signal.
*3 : A high-speed mode I
2C bus device can be used on a typical mode I2C bus system as long as the device satisfies the
requirement of "tSUDAT ≥ 250 ns".
*4 : tCYCP is the APB bus clock cycle time.
About the APB bus number that I
2C is connected to, see “Block Diagram” in this data sheet.
To use fast mode plus (Fm+), set the peripheral bus clock at 64 MHz or more.
*5 : The noise filter time can be changed by register settings.
Change the number of the noise filter steps according to APB bus clock frequency.
*6 : When using fast mode plus (Fm+), set the I/O pin to the mode corresponding to I
2C Fm+ in the EPFR register.
See “Chapter: I/O Port” in “FM4 Family Peripheral Manual” for the details.
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com