Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 16 Page - Texas Instruments

Part # CC1020-RTR1
Description  Low-Power RF Transceiver for Narrowband Systems
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 16 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 12Page - Texas Instruments CC1020-RTR1 Datasheet HTML 13Page - Texas Instruments CC1020-RTR1 Datasheet HTML 14Page - Texas Instruments CC1020-RTR1 Datasheet HTML 15Page - Texas Instruments CC1020-RTR1 Datasheet HTML 16Page - Texas Instruments CC1020-RTR1 Datasheet HTML 17Page - Texas Instruments CC1020-RTR1 Datasheet HTML 18Page - Texas Instruments CC1020-RTR1 Datasheet HTML 19Page - Texas Instruments CC1020-RTR1 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 95 page
background image
CC1020
SWRS046H – NOVEMBER 2006 – REVISED MARCH 2015
www.ti.com
4.11 Current Consumption
All measurements were performed using the two-layer PCB CC1020EMX reference design. See Figure 6-1. The electrical
specifications given for 868 MHz are also applicable for 902 to 928 MHz. TA = 25°C, AVDD = DVDD = 3.0 V,
fC = 14.7456 MHz if nothing else stated.
PARAMETER
MIN
TYP
MAX
UNIT
CONDITION
Power Down mode
0.2
1.8
µA
Oscillator core off
Current Consumption,
19.9
mA
receive mode 433 and 868 MHz
P = –20 dBm
12.3/14.5
mA
The output power is
P = –5 dBm
14.4/17.0
mA
delivered to a 50
Ω single-
Current Consumption,
P = 0 dBm
16.2/20.5
mA
ended load.
transmit mode 433/868 MHz:
P = +5 dBm
20.5/25.1
mA
See Section 5.10.2 for more
details.
P = +10 dBm
27.1
mA
(433 MHz only)
14.7456 MHz, 16 pF load
Current Consumption, crystal oscillator
77
µA
crystal
14.7456 MHz, 16 pF load
Current Consumption, crystal oscillator and bias
500
µA
crystal
14.7456 MHz, 16 pF load
Current Consumption, crystal oscillator, bias and synthesizer
7.5
mA
crystal
4.12 Thermal Resistance Characteristics for VQFNP Package
NAME
DESCRIPTION
°C/W(1) (2)
RθJC(top)
Junction-to-case (top)
16.2
RθJB
Junction-to-board
6.9
RθJA
Junction-to-free air
30.7
PsiJT
Junction-to-package top
0.2
PsiJB
Junction-to-board
6.9
RθJC(bottom)
Junction-to-case (bottom)
1.0
(1)
°C/W = degrees Celsius per watt.
(2)
These values are based on a JEDEC-defined 2S2P system (with the exception of the Theta JC [R
θJC] value, which is based on a
JEDEC-defined 1S0P system) and will change based on environment as well as application. For more information, see these
EIA/JEDEC standards:
•
JESD51-2, Integrated Circuits Thermal Test Method Environmental Conditions - Natural Convection (Still Air)
•
JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-9, Test Boards for Area Array Surface Mount Package Thermal Measurements
Power dissipation of 2 W and an ambient temperature of 70ºC is assumed.
16
Specifications
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com