Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 33 Page - Texas Instruments

Part # CC1020-RTR1
Description  Low-Power RF Transceiver for Narrowband Systems
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 33 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 29Page - Texas Instruments CC1020-RTR1 Datasheet HTML 30Page - Texas Instruments CC1020-RTR1 Datasheet HTML 31Page - Texas Instruments CC1020-RTR1 Datasheet HTML 32Page - Texas Instruments CC1020-RTR1 Datasheet HTML 33Page - Texas Instruments CC1020-RTR1 Datasheet HTML 34Page - Texas Instruments CC1020-RTR1 Datasheet HTML 35Page - Texas Instruments CC1020-RTR1 Datasheet HTML 36Page - Texas Instruments CC1020-RTR1 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 95 page
background image
CC1020
www.ti.com
SWRS046H – NOVEMBER 2006 – REVISED MARCH 2015
0.5 ms of delay between each RSSI read.
12. Write XP – 2 × DX to PHASE_COMP register.
13. Wait at least 3 ms. Measure signal strength Y0 as filtered average of 8 reads from RSSI register with
0.5 ms of delay between each RSSI read.
14. Set AP = 2 × (Y0 – Y2 + Y4) – (Y1 + Y3).
15.
If AP > 0 then
set DP = ROUND ( 7 × DX × (2 × (Y0 – Y4) + Y1 – Y3) / (10 × AP))
else
if Y0 + Y1 > Y3 + Y4 then
set DP = DX
else
set DP = –DX.
16.
If DP > DX then
set DP = DX
else
if DP < –DX then set DP = –DX.
17. Set XP = XP + DP.
18. Write XP to PHASE_COMP register.
19.
If XG + 2 × DX < 127 then
write XG + 2 × DX to GAIN_COMP register
else
write 127 to GAIN_COMP register.
20. Wait at least 3 ms. Measure signal strength Y4 as filtered average of 8 reads from RSSI register with
0.5 ms of delay between each RSSI read.
21. Write XG + DX to GAIN_COMP register.
22. Wait at least 3 ms. Measure signal strength Y3 as filtered average of 8 reads from RSSI register with
0.5 ms of delay between each RSSI read.
23. Write XG to GAIN_COMP register.
24. Wait at least 3 ms. Measure signal strength Y2 as filtered average of 8 reads from RSSI register with
0.5 ms of delay between each RSSI read.
25. Write XG – DX to GAIN_COMP register.
26. Wait at least 3 ms. Measure signal strength Y1 as filtered average of 8 reads from RSSI register with
0.5 ms of delay between each RSSI read.
27. Write XG – 2 × DX to GAIN_COMP register.
28. Wait at least 3 ms. Measure signal strength Y0 as filtered average of 8 reads from RSSI register with
0.5 ms of delay between each RSSI read.
29. Set AG = 2 × (Y0 – Y2 + Y4) – (Y1 + Y3).
30.
If AG > 0 then
set DG = ROUND (7 × DX × (2 × (Y0 – Y4) + Y1 – Y3) / (10 × AG)
else
if Y0 + Y1 > Y3 + Y4 then
set DG = DX
else
set DG = –DX.
31.
If DG > DX then
set DG = DX
else
if DG < –DX then set DG = –DX
32. Set XG = XG + DG.
33. If DX > 1 then go to step 2.
34. Write XP to PHASE_COMP register and XG to GAIN_COMP register.
If repeated calibration gives varying results, try to change the input level or increase the number of RSSI
reads N. A good starting point is N = 8. As accuracy is more important in the last fine-calibration steps, it
can be worthwhile to increase N for each loop iteration.
Copyright © 2006–2015, Texas Instruments Incorporated
Detailed Description
33
Submit Documentation Feedback
Product Folder Links: CC1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com