Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 70 Page - Texas Instruments

Part # CC1020-RTR1
Description  Low-Power RF Transceiver for Narrowband Systems
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 70 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 66Page - Texas Instruments CC1020-RTR1 Datasheet HTML 67Page - Texas Instruments CC1020-RTR1 Datasheet HTML 68Page - Texas Instruments CC1020-RTR1 Datasheet HTML 69Page - Texas Instruments CC1020-RTR1 Datasheet HTML 70Page - Texas Instruments CC1020-RTR1 Datasheet HTML 71Page - Texas Instruments CC1020-RTR1 Datasheet HTML 72Page - Texas Instruments CC1020-RTR1 Datasheet HTML 73Page - Texas Instruments CC1020-RTR1 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 95 page
background image
CC1020
SWRS046H – NOVEMBER 2006 – REVISED MARCH 2015
www.ti.com
Table 5-35. VGA1 Register (11h)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
VGA1[7:6]
CS_SET[1:0]
1
—
Sets the number of consecutive samples at or above carrier sense
level before carrier sense is indicated (for example, on LOCK pin)
0: Set carrier sense after first sample at or above carrier sense
level
1: Set carrier sense after second sample at or above carrier sense
level
2: Set carrier sense after third sample at or above carrier sense
level
3: Set carrier sense after fourth sample at or above carrier sense
level
Increasing CS_SET reduces the number of “false” carrier sense events
due to noise at the expense of increased carrier sense response time.
VGA1[5]
CS_RESET
1
—
Sets the number of consecutive samples below carrier sense level
before carrier sense indication (for example, on lock pin) is reset
0: Carrier sense is reset after first sample below carrier sense level
1: Carrier sense is reset after second sample below carrier sense
level
Recommended setting: CS_RESET=1 in order to reduce the chance of
losing carrier sense due to noise.
VGA1[4:2]
VGA_WAIT[2:0]
1
—
Controls how long AGC, bit synchronization, AFC and RSSI levels are
frozen after VGA gain is changed when frequency is changed between
A and B or PLL has been out of lock or after RX power up
0: Freeze operation for 16 filter clocks, 8/(filter BW) seconds
1: Freeze operation for 20 filter clocks, 10/(filter BW) seconds
2: Freeze operation for 24 filter clocks, 12/(filter BW) seconds
3: Freeze operation for 28 filter clocks, 14/(filter BW) seconds
4: Freeze operation for 32 filter clocks, 16/(filter BW) seconds
5: Freeze operation for 40 filter clocks, 20/(filter BW) seconds
6: Freeze operation for 48 filter clocks, 24/(filter BW) seconds
7: Freeze present levels unconditionally
VGA1[1:0]
VGA_FREEZE[1:0]
1
—
Controls the additional time AGC, bit synchronization, AFC and RSSI
levels are frozen when frequency is changed between A and B or PLL
has been out of lock or after RX power up
0: Freeze levels for approx. 16 ADC_CLK periods (13 µs)
1: Freeze levels for approx. 32 ADC_CLK periods (26 µs)
2: Freeze levels for approx. 64 ADC_CLK periods (52 µs)
3: Freeze levels for approx. 128 ADC_CLK periods (104 µs)
70
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com