Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 76 Page - Texas Instruments

Part # CC1020-RTR1
Description  Low-Power RF Transceiver for Narrowband Systems
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 76 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 72Page - Texas Instruments CC1020-RTR1 Datasheet HTML 73Page - Texas Instruments CC1020-RTR1 Datasheet HTML 74Page - Texas Instruments CC1020-RTR1 Datasheet HTML 75Page - Texas Instruments CC1020-RTR1 Datasheet HTML 76Page - Texas Instruments CC1020-RTR1 Datasheet HTML 77Page - Texas Instruments CC1020-RTR1 Datasheet HTML 78Page - Texas Instruments CC1020-RTR1 Datasheet HTML 79Page - Texas Instruments CC1020-RTR1 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 95 page
background image
CC1020
SWRS046H – NOVEMBER 2006 – REVISED MARCH 2015
www.ti.com
Table 5-43. BUFF_CURRENT Register (19h)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
BUFF_CURRENT[7:6]
PRE_CURRENT[1:0]
1
—
Prescaler current scaling
0: Nominal current
1: 2/3 of nominal current
2: 1/2 of nominal current
3: 2/5 of nominal current
Recommended setting: PRE_CURRENT=0.
BUFF_CURRENT[5:3]
RX_CURRENT[2:0]
4
—
LO buffer current, in RX (to mixers)
0: Minimum buffer current
…
7: Maximum buffer current
Recommended setting: RX_CURRENT=4.
BUFF_CURRENT[2:0]
TX_CURRENT[2:0]
5
—
LO buffer current, in TX (to PA driver)
0: Minimum buffer current
…
7: Maximum buffer current
Recommended settings:
TX_CURRENT=2 for 402 to 470 MHz,
TX_CURRENT=5 for 804 to 960 MHz.
Table 5-44. PLL_BW Register (1Ah)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
PLL_BW[7:0]
PLL_BW[7:0]
134
—
Charge pump current scaling/rounding factor. Used to calibrate charge
pump current for the desired PLL loop bandwidth.
The value is given by:
PLL_BW = 174 + 16 log2(fref / 7.126)
where fref is the reference frequency in MHz.
Table 5-45. CALIBRATE Register (1Bh)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
CALIBRATE[7]
CAL_START
0
↑
↑ 1: Calibration started
0: Calibration inactive
CALIBRATE[6]
CAL_DUAL
0
H
Use calibration results for both frequency A and B
0: Store results in A or B defined by F_REG (MAIN[6])
1: Store calibration results in both A and B
CALIBRATE[5:4]
CAL_WAIT[1:0]
0
—
Selects calibration wait time (affects accuracy)
0 (00): Calibration time is approx. 90000 F_REF periods
1 (01): Calibration time is approx. 110000 F_REF periods
2 (10): Calibration time is approx. 130000 F_REF periods
3 (11): Calibration time is approx. 200000 F_REF periods
Recommended setting: CAL_WAIT=3 for best accuracy in calibrated
PLL loop filter bandwidth.
CALIBRATE[3]
—
0
—
Reserved, write 0
76
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com