Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 46 Page - Texas Instruments

Part # CC1020-RTR1
Description  Low-Power RF Transceiver for Narrowband Systems
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 46 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 42Page - Texas Instruments CC1020-RTR1 Datasheet HTML 43Page - Texas Instruments CC1020-RTR1 Datasheet HTML 44Page - Texas Instruments CC1020-RTR1 Datasheet HTML 45Page - Texas Instruments CC1020-RTR1 Datasheet HTML 46Page - Texas Instruments CC1020-RTR1 Datasheet HTML 47Page - Texas Instruments CC1020-RTR1 Datasheet HTML 48Page - Texas Instruments CC1020-RTR1 Datasheet HTML 49Page - Texas Instruments CC1020-RTR1 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 95 page
background image
ref
min
f
BW
80.75
220
=
´
[ ]
ref
2
f
C8
839
6 pF
BW
æ
ö
=
-
ç
÷
è
ø
[ ]
ref
BW
R3
21823
k
f
æ
ö
=
W
ç
÷
è
ø
[ ]
ref
2
f
C6
80.75
nF
BW
æ
ö
=
ç
÷
è
ø
[ ]
ref
BW
R2
7126
k
f
æ
ö
=
W
ç
÷
è
ø
[ ]
ref
2
f
C7
3037
7 pF
BW
æ
ö
=
-
ç
÷
è
ø
VCO
ref
FREQ
0.5
DITHER
f
f
3
8192
+
´
æ
ö
=
´
+
ç
÷
è
ø
CC1020
SWRS046H – NOVEMBER 2006 – REVISED MARCH 2015
www.ti.com
The VCO frequency is given by Equation 24.
(24)
The VCO frequency is divided by 2 and by 4 to generate frequencies in the two bands, respectively.
The VCO sensitivity (sometimes referred to as VCO gain) varies over frequency and operating conditions.
Typically the VCO sensitivity varies between 12 and 36 MHz/V. For calculations the geometrical mean at
21 MHz/V can be used. The PLL calibration (explained below) measures the actual VCO sensitivity and
adjusts the charge pump current accordingly to achieve correct PLL loop gain and bandwidth (higher
charge pump current when VCO sensitivity is lower).
Equation 25 through Equation 29 can be used for calculating PLL loop filter component values, see
Figure 6-1, for a desired PLL loop bandwidth, BW.
(25)
(26)
(27)
(28)
(29)
Define a minimum PLL loop bandwidth as shown in Equation 30.
(30)
If BWmin > Baud rate/3 then set BW = BWmin and if BWmin < Baud rate/3 then set BW = Baud rate/3 in
Equation 25 through Equation 29.
There are two special cases when using the recommended 14.7456 MHz crystal:
1. If the data rate is 4.8 kBaud or below and the channel spacing is 12.5 kHz the following loop filter
components are recommended:
C6 = 220 nF
C7 = 8200 pF
C8 = 2200 pF
R2 = 1.5 k
Ω
R3 = 4.7 k
Ω
2. If the data rate is 4.8 kBaud or below and the channel spacing is different from 12.5 kHz the following
loop filter components are recommended:
C6 = 100 nF
C7 = 3900 pF
C8 = 1000 pF
R2 = 2.2 k
Ω
R3 = 6.8 k
Ω
46
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com