Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 62 Page - Texas Instruments

Part # CC1020-RTR1
Description  Low-Power RF Transceiver for Narrowband Systems
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 62 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 58Page - Texas Instruments CC1020-RTR1 Datasheet HTML 59Page - Texas Instruments CC1020-RTR1 Datasheet HTML 60Page - Texas Instruments CC1020-RTR1 Datasheet HTML 61Page - Texas Instruments CC1020-RTR1 Datasheet HTML 62Page - Texas Instruments CC1020-RTR1 Datasheet HTML 63Page - Texas Instruments CC1020-RTR1 Datasheet HTML 64Page - Texas Instruments CC1020-RTR1 Datasheet HTML 65Page - Texas Instruments CC1020-RTR1 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 95 page
background image
CC1020
SWRS046H – NOVEMBER 2006 – REVISED MARCH 2015
www.ti.com
5.22 Configuration Registers
The configuration of CC1020 is done by programming the 8-bit configuration registers. The configuration
data based on selected system parameters are most easily found by using the SmartRF Studio software.
Complete descriptions of the registers are given in Section 5.22.1. After a RESET is programmed, all the
registers have default values. The TEST registers also get default values after a RESET, and should not
be altered by the user.
TI recommends using the register settings found using the SmartRF Studio software. These are the
register settings that TI specifies across temperature, voltage, and process. Check the TI web site for
regularly updates to the SmartRF Studio software.
Table 5-16. CC1020 Register Overview
ADDRESS
ACRONYM
REGISTER NAME
00h
MAIN
Main control register
01h
INTERFACE
Interface control register
02h
RESET
Digital module reset register
03h
SEQUENCING
Automatic power-up sequencing control register
04h
FREQ_2A
Frequency register 2A
05h
FREQ_1A
Frequency register 1A
06h
FREQ_0A
Frequency register 0A
07h
CLOCK_A
Clock generation register A
08h
FREQ_2B
Frequency register 2B
09h
FREQ_1B
Frequency register 1B
0Ah
FREQ_0B
Frequency register 0B
0Bh
CLOCK_B
Clock generation register B
0Ch
VCO
VCO current control register
0Dh
MODEM
Modem control register
0Eh
DEVIATION
TX frequency deviation register
0Fh
AFC_CONTROL
RX AFC control register
10h
FILTER
Channel filter / RSSI control register
11h
VGA1
VGA control register 1
12h
VGA2
VGA control register 2
13h
VGA3
VGA control register 3
14h
VGA4
VGA control register 4
15h
LOCK
Lock control register
16h
FRONTEND
Front end bias current control register
17h
ANALOG
Analog modules control register
18h
BUFF_SWING
LO buffer and prescaler swing control register
19h
BUFF_CURRENT
LO buffer and prescaler bias current control register
1Ah
PLL_BW
PLL loop bandwidth / charge pump current control register
1Bh
CALIBRATE
PLL calibration control register
1Ch
PA_POWER
Power amplifier output power register
Match capacitor array control register, for RX and TX impedance
1Dh
MATCH
matching
1Eh
PHASE_COMP
Phase error compensation control register for LO I/Q
1Fh
GAIN_COMP
Gain error compensation control register for mixer I/Q
20h
POWERDOWN
Power-down control register
21h
TEST1
Test register for overriding PLL calibration
22h
TEST2
Test register for overriding PLL calibration
23h
TEST3
Test register for overriding PLL calibration
24h
TEST4
Test register for charge pump and IF chain testing
62
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com