Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 56 Page - Texas Instruments

Part # CC1020-RTR1
Description  Low-Power RF Transceiver for Narrowband Systems
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 56 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 52Page - Texas Instruments CC1020-RTR1 Datasheet HTML 53Page - Texas Instruments CC1020-RTR1 Datasheet HTML 54Page - Texas Instruments CC1020-RTR1 Datasheet HTML 55Page - Texas Instruments CC1020-RTR1 Datasheet HTML 56Page - Texas Instruments CC1020-RTR1 Datasheet HTML 57Page - Texas Instruments CC1020-RTR1 Datasheet HTML 58Page - Texas Instruments CC1020-RTR1 Datasheet HTML 59Page - Texas Instruments CC1020-RTR1 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 95 page
background image
8
7
6
5
4
3
2
1
0
XOR
XOR
Tx out (modulating signal)
Tx data (DIO pin)
8
7
6
5
4
3
2
1
0
XOR
XOR
Rx pseudo random sequence
Rx in (Demodulated Rx data)
Rx out (DIO pin)
Tx pseudo random sequence
CC1020
SWRS046H – NOVEMBER 2006 – REVISED MARCH 2015
www.ti.com
Table 5-15. Crystal Oscillator Component Values
ITEM
CL = 12 pF
CL = 16 pF
CL = 22 pF
C4
6.8 pF
15 pF
27 pF
C5
6.8 pF
15 pF
27 pF
5.17 Built-in Test Pattern Generator
The CC1020 has a built-in test pattern generator that generates a PN9 pseudo random sequence. The
PN9_ENABLE bit in the MODEM register enables the PN9 generator. A transition on the DIO pin is
required after enabling the PN9 pseudo random sequence.
The PN9 pseudo random sequence is defined by the polynomial x9 + x5 + 1.
The PN9 sequence is ‘XOR’ed with the DIO signal in both TX and RX mode as shown in Figure 5-31.
Hence, by transmitting only zeros (DIO = 0), the BER (Bit Error Rate) can be tested by counting the
number of received ones. Note that the 9 first received bits should be discarded in this case. Also note
that one bit error will generate 3 received ones.
Transmitting only ones (DIO = 1), the BER can be tested by counting the number of received zeroes.
The PN9 generator can also be used for transmission of ‘real-life’ data when measuring narrowband ACP
(Adjacent Channel Power), modulation bandwidth or occupied bandwidth.
Figure 5-31. PN9 Pseudo-random Sequence Generator in TX and RX Mode
5.18 Interrupt on Pin DCLK
5.18.1 Interrupt Upon PLL Lock
In synchronous mode the DCLK pin on CC1020 can be used to give an interrupt signal to wake the
microcontroller when the PLL is locked.
56
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com