Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 1 Page - Texas Instruments

Part # CC1020-RTR1
Description  Low-Power RF Transceiver for Narrowband Systems
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 1 Page - Texas Instruments

  CC1020-RTR1 Datasheet HTML 1Page - Texas Instruments CC1020-RTR1 Datasheet HTML 2Page - Texas Instruments CC1020-RTR1 Datasheet HTML 3Page - Texas Instruments CC1020-RTR1 Datasheet HTML 4Page - Texas Instruments CC1020-RTR1 Datasheet HTML 5Page - Texas Instruments CC1020-RTR1 Datasheet HTML 6Page - Texas Instruments CC1020-RTR1 Datasheet HTML 7Page - Texas Instruments CC1020-RTR1 Datasheet HTML 8Page - Texas Instruments CC1020-RTR1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 95 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CC1020
SWRS046H – NOVEMBER 2006 – REVISED MARCH 2015
CC1020 Low-Power RF Transceiver for Narrowband Systems
1
Device Overview
1.1
Features
1
• True Single Chip UHF RF Transceiver
• Pb-Free Package
• Frequency Range 402 MHz to 470 MHz
• Digital RSSI and Carrier Sense Indicator
and 804 MHz to 960 MHz
• Data Rate up to 153.6 kBaud
• High Sensitivity
• OOK, FSK, and GFSK Data Modulation
– Up to –118 dBm for a 12.5 kHz Channel
• Integrated Bit Synchronizer
• Programmable Output Power
• Image Rejection Mixer
• Low Current Consumption
• Programmable Frequency and AFC Make Crystal
– RX: 19.9 mA
Temperature Drift Compensation Possible Without
TCXO
• Low Supply Voltage
• Suitable for Frequency Hopping Systems
– 2.3 V to 3.6 V
• Suited for Systems Targeting Compliance With
• No External IF Filter Needed
EN 300 220, FCC CFR47 Part 15, ARIB STD-T67,
• Low-IF Receiver
and ARIB STD-T96
• Very Few External Components Required
• Development Kit Available
• Small Size
• Easy-to-Use Software for Generating the CC1020
– QFN 32 Package
Configuration Data
1.2
Applications
•
Narrowband Low-Power UHF Wireless Data
•
AMR – Automatic Meter Reading
Transmitters and Receivers With Channel
•
Wireless Alarm and Security Systems
Spacing as Low as 12.5 and 25 kHz
•
Home Automation
•
402-, 424-, 426-, 429-, 433-, 447-, 449-, 469-,
•
Low Power Telemetry
868-, 915-, 960-MHz ISM/SRD Band Systems
1.3
Description
CC1020 is a true single-chip UHF transceiver designed for very low-power and very low-voltage wireless
applications. The circuit is mainly intended for the ISM (Industrial, Scientific, and Medical) and SRD (Short
Range Device) frequency bands at 402-, 424-, 426-, 429-, 433-, 447-, 449-, 469-, 868-, 915-, and 960-
MHz, but can easily be programmed for multichannel operation at other frequencies in the 402- to 470-
MHz and 804- to 960-MHz range.
The CC1020 device is especially suited for narrow-band systems with channel spacing of 12.5 or 25 kHz
complying with ARIB STD-T67 and EN 300 220.
The main operating parameters of the CC1020 device can be programmed with a serial bus, thus making
CC1020 a very flexible and easy-to-use transceiver.
In a typical system, the CC1020 device will be used together with a microcontroller and a few external
passive components.
TI recommends using the latest RF performance line device CC1120 as successor of CC1020:
www.ti.com/rfperformanceline
Table 1-1. Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
CC1020
VQFNP (32)
7.00 mm × 7.00 mm
(1)
For more information, see Section 8, Mechanical Packaging and Orderable Information.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CC1020-RTR1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1020-RTR1 TI-CC1020-RTR1 Datasheet
970Kb / 91P
Single Chip Low Power RF Transceiver for Narrowband Systems
CC1020-RTR1 TI1-CC1020-RTR1 Datasheet
1Mb / 95P
Low-Power RF Transceiver for Narrowband Systems
More results

Similar Description - CC1020-RTR1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1020 TI-CC1020 Datasheet
970Kb / 91P
Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021 TI-CC1021 Datasheet
959Kb / 92P
Single Chip Low Power RF Transceiver for Narrowband Systems
CC1020 TI-CC1020_12 Datasheet
1Mb / 96P
Low-Power RF Transceiver for Narrowband Systems
CC1021 TI-CC1021_12 Datasheet
1Mb / 94P
Single Chip Low Power RF Transceiver for Narrowband Systems
CC1120RHBR TI-CC1120RHBR Datasheet
1Mb / 35P
High Performance RF Transceiver for Narrowband Systems
CC1020EMK-433 TI-CC1020EMK-433 Datasheet
1Mb / 92P
Low-Power RF Transceiver for Narrowband Systems
CC1021RSSR TI-CC1021RSSR Datasheet
1Mb / 94P
Single Chip Low Power RF Transceiver for Narrowband Systems
CC1020RSSR TI1-CC1020RSSR Datasheet
1Mb / 92P
Low-Power RF Transceiver for Narrowband Systems
CC1021 TI1-CC1021_16 Datasheet
2Mb / 91P
Single Chip Low Power RF Transceiver for Narrowband Systems
CC1020 TI1-CC1020_17 Datasheet
1Mb / 95P
Low-Power RF Transceiver for Narrowband Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com