Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 24 Page - Texas Instruments

Part # CC1020-RTR1
Description  Low-Power RF Transceiver for Narrowband Systems
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 24 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 20Page - Texas Instruments CC1020-RTR1 Datasheet HTML 21Page - Texas Instruments CC1020-RTR1 Datasheet HTML 22Page - Texas Instruments CC1020-RTR1 Datasheet HTML 23Page - Texas Instruments CC1020-RTR1 Datasheet HTML 24Page - Texas Instruments CC1020-RTR1 Datasheet HTML 25Page - Texas Instruments CC1020-RTR1 Datasheet HTML 26Page - Texas Instruments CC1020-RTR1 Datasheet HTML 27Page - Texas Instruments CC1020-RTR1 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 95 page
background image
xosc
f
B.R.
8
(REF _ DIV
1)
DIV1 DIV2
=
´
+
´
´
Time
1
0
1
1 0
0
0
1
1 0 1
Tx
data
Time
1
0
1
1 0
0
0
1
1 0 1
Tx
data
DCLK is not used in transmit mode, and is
used as data output in receive mode. It can be
set to default high or low in transmit mode.
FSK modulating signal,
internal in CC1020
Data provided by UART (TXD)
Transmitter side:
DCLK is used as data output
provided by CC1020.
Connect to UART (RXD)
Demodulated signal (NRZ),
internal in CC1020
DIO is not used in receive mode. Used only
as data input in transmit mode
DCLK
DIO
“RF”
“RF”
DCLK
DIO
Receiver side:
DCLK is not used in transmit mode, and is
used as data output in receive mode. It can be
set to default high or low in transmit mode.
FSK modulating signal,
internal in CC1020
Data provided by UART (TXD)
Transmitter side:
DCLK is used as data output
provided by CC1020.
Connect to UART (RXD)
Demodulated signal (NRZ),
internal in CC1020
DIO is not used in receive mode. Used only
as data input in transmit mode
DCLK
DIO
“RF”
“RF”
DCLK
DIO
Receiver side:
CC1020
SWRS046H – NOVEMBER 2006 – REVISED MARCH 2015
www.ti.com
Figure 5-8. Transparent Asynchronous UART Mode (SEP_DI_DO = 1)
Figure 5-9. Manchester Encoding
5.7
Data Rate Programming
The data rate (baud rate) is programmable and depends on the crystal frequency and the programming of
the CLOCK (CLOCK_A and CLOCK_B) registers.
The baud rate (B.R.) is given by Equation 1.
(1)
Where:
DIV1 and DIV2 are given by the value of MCLK_DIV1 and MCLK_DIV2.
Table 5-4 shows some possible data rates as a function of crystal frequency in synchronous mode. In
asynchronous transparent UART mode any data rate up to 153.6 kBaud can be used.
Table 5-2. DIV2 for Different Settings of MCLK_DIV2
MCLK_DIV2[1:0]
DIV2
00
1
01
2
10
4
11
8
24
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com