Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 87 Page - Texas Instruments

Part # CC1020-RTR1
Description  Low-Power RF Transceiver for Narrowband Systems
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 87 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 83Page - Texas Instruments CC1020-RTR1 Datasheet HTML 84Page - Texas Instruments CC1020-RTR1 Datasheet HTML 85Page - Texas Instruments CC1020-RTR1 Datasheet HTML 86Page - Texas Instruments CC1020-RTR1 Datasheet HTML 87Page - Texas Instruments CC1020-RTR1 Datasheet HTML 88Page - Texas Instruments CC1020-RTR1 Datasheet HTML 89Page - Texas Instruments CC1020-RTR1 Datasheet HTML 90Page - Texas Instruments CC1020-RTR1 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 95 page
background image
CC1020
www.ti.com
SWRS046H – NOVEMBER 2006 – REVISED MARCH 2015
7
Device and Documentation Support
7.1
Device Support
7.1.1
Device Nomenclature
To designate the stages in the product development cycle, TI assigns prefixes to the part numbers. Each
device has one of three prefixes: X, P, or null (no prefix) (for example, CC1020 is in production; therefore,
no prefix is assigned).
Device development evolutionary flow:
X
Experimental device that is not necessarily representative of the final device's electrical
specifications and may not use production assembly flow.
P
Prototype device that is not necessarily the final silicon die and may not necessarily meet
final electrical specifications.
null
Production version of the silicon die that is fully qualified.
Production devices have been characterized fully, and the quality and reliability of the device have been
demonstrated fully. TI's standard warranty applies.
Predictions show that prototype devices (X or P) have a greater failure rate than the standard production
devices. Texas Instruments recommends that these devices not be used in any production system
because their expected end-use failure rate still is undefined. Only qualified production devices are to be
used.
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the
package type (for example, RSS).
For orderable part numbers of CC1020 devices in the RSS package types, see the Package Option
Addendum of this document, the TI website (www.ti.com), or contact your TI sales representative.
7.2
Documentation Support
The following documents describe the CC1020 device. Copies of these documents are available on the
Internet at www.ti.com.
1. [1] AN022 CC1020 Crystal Frequency Selection (SWRA070)
2. [2] AN029 CC1020/1021 Automatic Frequency Control (AFC) (SWRA063)
3. [3] AN030 CC1020/1021 Received Signal Strength Indicator (SWRA062)
4. [4] AN070 CC1020 Automatic Power-Up Sequencing (SWRA279)
5. [5] AN023 CC1020 MCU Interfacing (SWRA069)
6. [6] CC1020 Errata Note 004, available in the CC1020 product folder.
7. [7] CC1020 Errata Note 002, available in the CC1020 product folder.
8. [8] AN001 SRD Regulations For License Free Transceiver Operation (SWRA090).
9. [9] AN027 Temperature Compensation by Indirect Method (SWRA065)
10. [10] AN003 SRD Antennas (SWRA088)
11. [11] SmartRF Studio
12. [12] CC1020EMX Evaluation Module
7.2.1
Community Resources
The following links connect to TI community resources. Linked contents are provided "AS IS" by the
respective contributors. They do not constitute TI specifications and do not necessarily reflect TI's views;
see TI's Terms of Use.
TI E2E™ Online Community
TI's
Engineer-to-Engineer
(E2E)
Community.
Created
to
foster
Copyright © 2006–2015, Texas Instruments Incorporated
Device and Documentation Support
87
Submit Documentation Feedback
Product Folder Links: CC1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com