Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 78 Page - Texas Instruments

Part # CC1020-RTR1
Description  Low-Power RF Transceiver for Narrowband Systems
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 78 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 74Page - Texas Instruments CC1020-RTR1 Datasheet HTML 75Page - Texas Instruments CC1020-RTR1 Datasheet HTML 76Page - Texas Instruments CC1020-RTR1 Datasheet HTML 77Page - Texas Instruments CC1020-RTR1 Datasheet HTML 78Page - Texas Instruments CC1020-RTR1 Datasheet HTML 79Page - Texas Instruments CC1020-RTR1 Datasheet HTML 80Page - Texas Instruments CC1020-RTR1 Datasheet HTML 81Page - Texas Instruments CC1020-RTR1 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 95 page
background image
CC1020
SWRS046H – NOVEMBER 2006 – REVISED MARCH 2015
www.ti.com
Table 5-49. GAIN_COMP Register (1Fh)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
GAIN_COMP[7:0]
GAIN_COMP[7:0]
0
—
Signed compensation value for mixer I/Q gain error. Used for image
rejection calibration.
–128: approx. –1.16 dB adjustment between I and Q gain
–1: approx. –0.004 dB adjustment between I and Q gain
0: approx. +0.004 dB adjustment between I and Q gain
127: approx. +1.16 dB adjustment between I and Q gain
Table 5-50. POWERDOWN Register (20h)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
POWERDOWN[7]
PA_PD
0
H
Sets PA in power down when PD_MODE[1:0]=2
POWERDOWN[6]
VCO_PD
0
H
Sets VCO in power down when PD_MODE[1:0]=2
POWERDOWN[5]
BUFF_PD
0
H
Sets VCO divider, LO buffers and prescaler in power-down when
PD_MODE[1:0]=2
POWERDOWN[4]
CHP_PD
0
H
Sets charge pump in power down when PD_MODE[1:0]=2
POWERDOWN[3]
LNAMIX_PD
0
H
Sets LNA/mixer in power down when PD_MODE[1:0]=2
POWERDOWN[2]
VGA_PD
0
H
Sets VGA in power down when PD_MODE[1:0]=2
POWERDOWN[1]
FILTER_PD
0
H
Sets image filter in power down when PD_MODE[1:0]=2
POWERDOWN[0]
ADC_PD
0
H
Sets ADC in power down when PD_MODE[1:0]=2
Table 5-51. TEST1 Register (21h, for Test Only)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
TEST1[7:4]
CAL_DAC_OPEN[3:0]
4
—
Calibration DAC override value, active when BREAK_LOOP=1
TEST1[3:0]
CHP_CO[3:0]
13
—
Charge pump current override value
Table 5-52. TEST2 Register (22h, for Test Only)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
TEST2[7]
BREAK_LOOP
0
H
0: PLL loop closed
1: PLL loop open
TEST2[6]
CHP_OVERRIDE
0
H
0: use calibrated value
1: use CHP_CO[3:0] value
TEST2[5]
VCO_OVERRIDE
0
H
0: use calibrated value
1: use VCO_AO[4:0] value
TEST2[4:0]
VCO_AO[4:0]
16
—
VCO_ARRAY override value
Table 5-53. TEST3 Register (23h, for Test Only)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
TEST3[7]
VCO_CAL_MANUAL
0
H
Enables “manual” VCO calibration (test only)
TEST3[6]
VCO_CAL_OVERRIDE
0
H
Override VCO current calibration
0: Use calibrated value
1: Use VCO_CO[5:0] value
VCO_CAL_OVERRIDE controls VCO_CAL_CLK
if VCO_CAL_MANUAL=1. Negative transitions are then used to
sample VCO_CAL_COMP.
TEST3[5:0]
VCO_CO[5:0]
6
—
VCO_CAL_CURRENT override value
78
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com