Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 26 Page - Texas Instruments

Part # CC1020-RTR1
Description  Low-Power RF Transceiver for Narrowband Systems
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 26 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 22Page - Texas Instruments CC1020-RTR1 Datasheet HTML 23Page - Texas Instruments CC1020-RTR1 Datasheet HTML 24Page - Texas Instruments CC1020-RTR1 Datasheet HTML 25Page - Texas Instruments CC1020-RTR1 Datasheet HTML 26Page - Texas Instruments CC1020-RTR1 Datasheet HTML 27Page - Texas Instruments CC1020-RTR1 Datasheet HTML 28Page - Texas Instruments CC1020-RTR1 Datasheet HTML 29Page - Texas Instruments CC1020-RTR1 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 95 page
background image
(TXDEV _ X 15)
dev
ref
f
f
TXDEV _ M
2
-
=
´
´
(TXDEV _ X 16)
dev
ref
f
f
TXDEV _ M
2
-
=
´
´
[
]
c
ref
f
9.8304
f
MHz
512
³
>
[
]
c
ref
f
9.8304
f
MHz
256
³
>
xosc
ref
f
f
REF _ DIV
1
=
+
c
ref
3
FREQ
0.5
DITHER
f
f
2
16384
+
´
æ
ö
=
´
+
ç
÷
è
ø
c
ref
3
FREQ
0.5
DITHER
f
f
4
32768
+
´
æ
ö
=
´
+
ç
÷
è
ø
CC1020
SWRS046H – NOVEMBER 2006 – REVISED MARCH 2015
www.ti.com
5.8
Frequency Programming
Programming the frequency word in the configuration registers sets the operation frequency. There are
two frequency words registers, termed FREQ_A and FREQ_B, which can be programmed to two different
frequencies. One of the frequency words can be used for RX (local oscillator frequency) and the other for
TX (transmitting carrier frequency) in order to be able to switch very fast between RX mode and TX mode.
They can also be used for RX (or TX) at two different channels. The F_REG bit in the MAIN register
selects frequency word A or B.
The frequency word is located in FREQ_2A:FREQ_1A:FREQ_0A and FREQ_2B:FREQ_1B:FREQ_0B for
the FREQ_A and FREQ_B word respectively. The LSB of the FREQ_0 registers are used to enable
dithering, see Section 5.8.1.
The PLL output frequency is given by Equation 2 in the frequency band 402 to 470 MHz.
(2)
The PLL output frequency is given by Equation 3 in the frequency band 804 to 960 MHz.
(3)
The BANDSELECT bit in the ANALOG register controls the frequency band used. BANDSELECT = 0
gives 402 to 470 MHz, and BANDSELECT = 1 gives 804 to 960 MHz.
The reference frequency is the crystal oscillator clock frequency divided by REF_DIV (3 bits in the
CLOCK_A or CLOCK_B register), a number between 1 and 7, as shown in Equation 4.
(4)
FSK frequency deviation is programmed in the DEVIATION register. The deviation programming is divided
into a mantissa (TXDEV_M[3:0]) and an exponent (TXDEV_X[2:0]).
Generally REF_DIV should be as low as possible but the requirements (shown in Equation 5 and
Equation 6) must be met.
(5)
Equation 5 in the frequency band 402 to 470 MHz, and Equation 6 in the frequency band 804 to 960 MHz.
(6)
The PLL output frequency Equation 2 and Equation 3 give the carrier frequency, fc , in transmit mode
(centre frequency). The two FSK modulation frequencies are given by Equation 7 and Equation 7.
f0 = fc – fdev
(7)
f1 = fc + fdev
(8)
Where:
fdev is set by the DEVIATION register shown in Equation 9 in the frequency band 402 to 470 MHz and
in Equation 10 in the frequency band 804 to 960 MHz.
(9)
(10)
OOK (On-Off Keying) is used if TXDEV_M[3:0] = 0000.
The TX_SHAPING bit in the DEVIATION register controls Gaussian shaping of the modulation signal.
26
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com