Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 53 Page - Texas Instruments

Part # CC1020-RTR1
Description  Low-Power RF Transceiver for Narrowband Systems
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 53 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 49Page - Texas Instruments CC1020-RTR1 Datasheet HTML 50Page - Texas Instruments CC1020-RTR1 Datasheet HTML 51Page - Texas Instruments CC1020-RTR1 Datasheet HTML 52Page - Texas Instruments CC1020-RTR1 Datasheet HTML 53Page - Texas Instruments CC1020-RTR1 Datasheet HTML 54Page - Texas Instruments CC1020-RTR1 Datasheet HTML 55Page - Texas Instruments CC1020-RTR1 Datasheet HTML 56Page - Texas Instruments CC1020-RTR1 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 95 page
background image
Turn on crystal oscillator core
MAIN: PD_MODE=1, FS_PD=1, XOSC_PD=0, BIAS_PD=1
Wait 1.2 ms*
Power Down mode
*Time to wait depends
on the crystal frequency
and the load capacitance
Wait until lock detected from LOCK pin
or STATUS register
Turn on RX: MAIN: PD_MODE = 0
Wait until lock detected from LOCK pin
or STATUS register
Turn on TX: MAIN: PD_MODE = 0
Set PA_POWER
RX mode
TX mode
Turn off RX/TX:
MAIN: PD_MODE = 1, FS_PD=1,
XOSC_PD=1, BIAS_PD=1
PA_POWER=00h
Power Down mode
Turn on frequency synthesizer
MAIN: RXTX=0, F_REG=0, FS_PD=0
Turn on frequency synthesizer
MAIN: RXTX=1, F_REG=1, FS_PD=0
RX or TX?
RX
TX
Turn on bias generator. MAIN: BIAS_PD=0
Wait 150 us
Turn on crystal oscillator core
MAIN: PD_MODE=1, FS_PD=1, XOSC_PD=0, BIAS_PD=1
Wait 1.2 ms*
Power Down mode
Power Down mode
*Time to wait depends
on the crystal frequency
and the load capacitance
Wait until lock detected from LOCK pin
or STATUS register
Turn on RX: MAIN: PD_MODE = 0
Wait until lock detected from LOCK pin
or STATUS register
Turn on TX: MAIN: PD_MODE = 0
Set PA_POWER
Wait until lock detected from LOCK pin
or STATUS register
Turn on RX: MAIN: PD_MODE = 0
Wait until lock detected from LOCK pin
or STATUS register
Turn on TX: MAIN: PD_MODE = 0
Set PA_POWER
RX mode
TX mode
RX mode
RX mode
TX mode
TX mode
Turn off RX/TX:
MAIN: PD_MODE = 1, FS_PD=1,
XOSC_PD=1, BIAS_PD=1
PA_POWER=00h
Power Down mode
Power Down mode
Turn on frequency synthesizer
MAIN: RXTX=0, F_REG=0, FS_PD=0
Turn on frequency synthesizer
MAIN: RXTX=1, F_REG=1, FS_PD=0
Turn on frequency synthesizer
MAIN: RXTX=0, F_REG=0, FS_PD=0
Turn on frequency synthesizer
MAIN: RXTX=1, F_REG=1, FS_PD=0
RX or TX?
RX
TX
Turn on bias generator. MAIN: BIAS_PD=0
Wait 150 us
CC1020
www.ti.com
SWRS046H – NOVEMBER 2006 – REVISED MARCH 2015
Figure 5-28. Sequence for Activating RX or TX Mode
5.15 On-Off Keying (OOK)
The data modulator can also provide OOK (On-Off Keying) modulation. OOK is an ASK (Amplitude Shift
Keying) modulation using 100% modulation depth. OOK modulation is enabled in RX and in TX by setting
TXDEV_M[3:0] = 0000 in the DEVIATION register. An OOK eye diagram is shown in Figure 5-29.
The data demodulator can also perform OOK demodulation. The demodulation is done by comparing the
signal level with the “carrier sense” level (programmed as CS_LEVEL in the VGA4 register). The signal is
then decimated and filtered in the data filter. Data decision and bit synchronization are as for FSK
reception.
Copyright © 2006–2015, Texas Instruments Incorporated
Detailed Description
53
Submit Documentation Feedback
Product Folder Links: CC1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com