Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 74 Page - Texas Instruments

Part # CC1020-RTR1
Description  Low-Power RF Transceiver for Narrowband Systems
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 74 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 70Page - Texas Instruments CC1020-RTR1 Datasheet HTML 71Page - Texas Instruments CC1020-RTR1 Datasheet HTML 72Page - Texas Instruments CC1020-RTR1 Datasheet HTML 73Page - Texas Instruments CC1020-RTR1 Datasheet HTML 74Page - Texas Instruments CC1020-RTR1 Datasheet HTML 75Page - Texas Instruments CC1020-RTR1 Datasheet HTML 76Page - Texas Instruments CC1020-RTR1 Datasheet HTML 77Page - Texas Instruments CC1020-RTR1 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 95 page
background image
CC1020
SWRS046H – NOVEMBER 2006 – REVISED MARCH 2015
www.ti.com
Table 5-40. FRONTEND Register (16h)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
FRONTEND[7:6]
LNAMIX_CURRENT[1:0]
2
—
Controls current in LNA, LNA2 and mixer
Recommended setting: LNAMIX_CURRENT=1
FRONTEND[5:4]
LNA_CURRENT[1:0]
1
—
Controls current in the LNA
Recommended setting: LNA_CURRENT=3.
Can be lowered to save power at the expense of reduced
sensitivity.
FRONTEND[3]
MIX_CURRENT
0
—
Controls current in the mixer
Recommended setting:
MIX_CURRENT=1 at 426 to 464 MHz,
MIX_CURRENT=0 at 852 to 928 MHz.
FRONTEND[2]
LNA2_CURRENT
0
—
Controls current in LNA 2
Recommended settings:
LNA2_CURRENT=0 at 426 to 464 MHz,
LNA2_CURRENT=1 at 852 to 928 MHz.
FRONTEND[1]
SDC_CURRENT
0
—
Controls current in the single-to-diff. Converter
Recommended settings:
SDC_CURRENT=0 at 426 to 464 MHz,
SDC_CURRENT=1 at 852 to 928 MHz.
FRONTEND[0]
LNAMIX_BIAS
1
—
Controls how front-end bias currents are generated
0: Constant current biasing
1: Constant Gm × R biasing (reduces gain variation)
Recommended setting: LNAMIX_BIAS=0.
74
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com