Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 28 Page - Texas Instruments

Part # CC1020-RTR1
Description  Low-Power RF Transceiver for Narrowband Systems
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 28 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 24Page - Texas Instruments CC1020-RTR1 Datasheet HTML 25Page - Texas Instruments CC1020-RTR1 Datasheet HTML 26Page - Texas Instruments CC1020-RTR1 Datasheet HTML 27Page - Texas Instruments CC1020-RTR1 Datasheet HTML 28Page - Texas Instruments CC1020-RTR1 Datasheet HTML 29Page - Texas Instruments CC1020-RTR1 Datasheet HTML 30Page - Texas Instruments CC1020-RTR1 Datasheet HTML 31Page - Texas Instruments CC1020-RTR1 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 95 page
background image
[
]
307.2
ChBW
(DEC _ DIV 1) kHz
=
+
CC1020
SWRS046H – NOVEMBER 2006 – REVISED MARCH 2015
www.ti.com
In Manchester mode the maximum modulating signal occurs when transmitting a continuous sequence of
0s (or 1s). In NRZ mode the maximum modulating signal occurs when transmitting a 0-1-0 sequence. In
both Manchester and NRZ mode 2 × fm is then equal to the programmed baud rate. The equation for
SBW can then be rewritten as shown in Equation 14.
SBW = Baud rate + frequency separation
(14)
Furthermore, the frequency offset of the transmitter and receiver must also be considered. Assuming
equal frequency error in the transmitter and receiver (same type of crystal) the total frequency error is
shown in Equation 15.
f_error = ±2 × XTAL_ppm × f_RF
(15)
Where:
XTAL_ppm is the total accuracy of the crystal including initial tolerance, temperature drift, loading and
ageing.
F_RF is the RF operating frequency.
The minimum receiver channel filter bandwidth (ChBW) can then be estimated as shown in Equation 16.
ChBW > SBW + 2 × f_error
(16)
The DEC_DIV[4:0] bits in the FILTER register control the receiver channel filter bandwidth. The 6 dB
bandwidth is given by Equation 17.
(17)
Where:
the IF frequency is set to 307.2 kHz.
In SmartRF Studio the user specifies the channel spacing and the channel filter bandwidth is set
according to Table 5-5.
For narrowband systems with channel spacings of 12.5 and 25 kHz the channel filter bandwidth is 12.288
kHz and 19.2 kHz respectively to comply with ARIB STD-T67 and EN 300 220.
For wideband systems (channel spacing of 50 kHz and above) it is possible to use different channel filter
bandwidths than given in Table 5-5.
There is a trade-off between selectivity as well as sensitivity and accepted frequency tolerance. In
applications where larger frequency drift is expected, the filter bandwidth can be increased, but with
reduced adjacent channel rejection (ACR) and sensitivity.
Table 5-5. Channel Filter Bandwidths Used for the Channel Spacings Defined in SmartRF Studio
FILTER.DEC_DIV
CHANNEL SPACING
FILTER BANDWIDTH
[4:0]
[kHz]
[kHz]
[decimal(binary)]
12.5
12.288
24 (11000b)
25
19.2
15 (01111b)
50
25.6
11 (01011b)
100
51.2
5 (00101b)
150
102.4
2 (00010b)
200
153.6
1 (00001b)
500
307.2
0 (00000b)
28
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com