Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1020-RTR1 Datasheet(PDF) 63 Page - Texas Instruments

Part # CC1020-RTR1
Description  Low-Power RF Transceiver for Narrowband Systems
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 63 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 59Page - Texas Instruments CC1020-RTR1 Datasheet HTML 60Page - Texas Instruments CC1020-RTR1 Datasheet HTML 61Page - Texas Instruments CC1020-RTR1 Datasheet HTML 62Page - Texas Instruments CC1020-RTR1 Datasheet HTML 63Page - Texas Instruments CC1020-RTR1 Datasheet HTML 64Page - Texas Instruments CC1020-RTR1 Datasheet HTML 65Page - Texas Instruments CC1020-RTR1 Datasheet HTML 66Page - Texas Instruments CC1020-RTR1 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 95 page
background image
CC1020
www.ti.com
SWRS046H – NOVEMBER 2006 – REVISED MARCH 2015
Table 5-16. CC1020 Register Overview (continued)
ADDRESS
ACRONYM
REGISTER NAME
25h
TEST5
Test register for ADC testing
26h
TEST6
Test register for VGA testing
27h
TEST7
Test register for VGA testing
Status information register (PLL lock, RSSI, calibration ready, and
40h
STATUS
so on)
41h
RESET_DONE
Status register for digital module reset
42h
RSSI
Received signal strength register
Average received frequency deviation from IF (can be used for
43h
AFC
AFC)
44h
GAUSS_FILTER
Digital FM demodulator register
45h
STATUS1
Status of PLL calibration results and so on (test only)
46h
STATUS2
Status of PLL calibration results and so on (test only)
47h
STATUS3
Status of PLL calibration results and so on (test only)
48h
STATUS4
Status of ADC signals (test only)
49h
STATUS5
Status of channel filter “I” signal (test only)
4Ah
STATUS6
Status of channel filter “Q” signal (test only)
4Bh
STATUS7
Status of AGC (test only)
5.22.1 Memory
Table 5-17. MAIN Register (00h)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
MAIN[7]
RXTX
—
—
RX/TX switch, 0: RX , 1: TX
MAIN[6]
F_REG
—
—
Selection of Frequency Register, 0: Register A, 1: Register B
MAIN[5:4]
PD_MODE[1:0]
—
—
Power down mode
0 (00): Receive Chain in power-down in TX, PA in power-down in
RX
1 (01): Receive Chain and PA in power down in both TX and RX
2 (10): Individual modules can be put in power down by
programming the POWERDOWN register
3 (11): Automatic power-up sequencing is activated
(see Table 5-18)
MAIN[3]
FS_PD
—
H
Power Down of Frequency Synthesizer
MAIN[2]
XOSC_PD
—
H
Power Down of Crystal Oscillator Core
MAIN[1]
BIAS_PD
—
H
Power Down of BIAS (Global Current Generator) and Crystal Oscillator
Buffer
MAIN[0]
RESET_N
—
L
Reset, active low. Writing RESET_N low will write default values to all
other registers than MAIN. Bits in MAIN do not have a default value
and will be written directly through the configuration interface. Must be
set high to complete reset.
Table 5-18. MAIN Register (00h) When Using Automatic Power-up Sequencing
(RXTX = 0, PD_MODE[1:0] =11)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
MAIN[7]
RXTX
—
—
Automatic power-up sequencing only works in RX (RXTX=0)
MAIN[6]
F_REG
—
—
Selection of Frequency Register, 0: Register A, 1: Register B
MAIN[5:4]
PD_MODE[1:0]
—
H
Set PD_MODE[1:0]=3 (11) to enable sequencing
Copyright © 2006–2015, Texas Instruments Incorporated
Detailed Description
63
Submit Documentation Feedback
Product Folder Links: CC1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com