Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848JSQ/NOPB Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848JSQ/NOPB
Description  MII Serial Management Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848JSQ/NOPB Datasheet(HTML) 25 Page - Texas Instruments

Back Button DP83848JSQ/NOPB Datasheet HTML 21Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 22Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 23Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 24Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 25Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 26Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 27Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 28Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 84 page
background image
DP83848H, DP83848J, DP83848K, DP83848M, DP83848T
www.ti.com
SNLS250E – MAY 2008 – REVISED APRIL 2015
6
Detailed Description
6.1
Overview
The device is 10/100 Mbps Ethernet transceiver with an extended temperature range of -40°C to 105°C.
The ability to perform over extreme temperatures makes this device ideal for demanding environments like
automotive, transportation and industrial applications.
The device is AEC-Q100 Grade 2 certified. Its 3.3-V operating voltage and less than 270-mW typical
power consumption makes this device suitable for low-power applications.
The device has Auto MDIX capability to select MDI or MDIX automatically. It supports Auto-Negotiation for
selecting the highest performance mode of operation. This functionality can be turned off if a particular
mode is to be forced.
The device supports both MII and RMII interface, thus being more flexible and increasing the number of
compatible MPU. MII and RMII options can be selected using strap options or register control. The device
operates with 25-MHz clock when in MII mode and requires a 50-MHz clock when in RMII mode.
Copyright © 2008–2015, Texas Instruments Incorporated
Detailed Description
25
Submit Documentation Feedback
Product Folder Links: DP83848H DP83848J DP83848K DP83848M DP83848T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com