Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848JSQ/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848JSQ/NOPB
Description  MII Serial Management Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848JSQ/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button DP83848JSQ/NOPB Datasheet HTML 3Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 4Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 5Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 6Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 7Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 8Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 9Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 10Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 84 page
background image
DP83848H, DP83848J, DP83848K, DP83848M, DP83848T
www.ti.com
SNLS250E – MAY 2008 – REVISED APRIL 2015
SIGNAL
TYPE
PIN #
DESCRIPTION
NAME
MII RECEIVE DATA VALID: Asserted high to indicate that valid data is present on the
corresponding RXD[3:0].
RX_DV
O, PD
32
RMII Synchronous Receive Data Valid: This signal provides the RMII Receive Data Valid
indication independent of Carrier Sense.
MII RECEIVE ERROR: Asserted high synchronously to RX_CLK to indicate that an invalid
symbol has been detected within a received packet in 100 Mb/s mode.
RMII RECEIVE ERROR: Assert high synchronously to X1 whenever it detects a media error and
RX_ER
S, O, PU
34
RX_DV is asserted in 100 Mb/s mode.
This pin is not required to be used by a MAC, in either MII or RMII mode, because the Phy is
required to corrupt data on a receive error.
MII RECEIVE DATA: Nibble wide receive data signals driven synchronously to the RX_CLK, 25
RXD_0
36
MHz for 100 Mb/s mode, 2.5 MHz for 10 Mb/s mode). RXD[3:0] signals contain valid data when
RXD_1
37
RX_DV is asserted.
S, O, PD
RXD_2
38
RMII RECEIVE DATA: 2-bits receive data signals, RXD[1:0], driven synchronously to the X1
RXD_3
39
clock, 50 MHz.
MII TRANSMIT CLOCK: 25 MHz Transmit clock output in 100Mb/s mode or 2.5 MHz in 10 Mb/s
mode derived from the 25-MHz reference clock.
TX_CLK
O
2
Unused in RMII mode. The device uses the X1 reference clock input as the 50-MHz reference for
both transmit and receive.
MII TRANSMIT ENABLE: Active high input indicates the presence of valid data inputs on
TXD[3:0].
TX_EN
I, PD
3
RMII TRANSMIT ENABLE: Active high input indicates the presence of valid data on TXD[1:0].
MII TRANSMIT DATA: Transmit data MII input pins, TXD[3:0], that accept data synchronous to
TXD_0
I
4
the TX_CLK (2.5 MHz in 10 Mb/s mode or 25 MHz in 100 Mb/s mode).
TXD_1
I
5
TXD_2
I
6
RMII TRANSMIT DATA: Transmit data RMII input pins, TXD[1:0], that accept data synchronous
TXD_3
I, PD
7
to the 50-MHz reference clock.
4.5
Clock Interface
SIGNAL
TYPE
PIN #
DESCRIPTION
NAME
CRYSTAL/OSCILLATOR INPUT: This pin is the primary clock reference input for the DP83848x
and must be connected to a 25-MHz 0.005% (+50 ppm) clock source. The DP83848x supports
either an external crystal resonator connected across pins X1 and X2, or an external CMOS-level
X1
I
28
oscillator source connected to pin X1 only.
RMII REFERENCE CLOCK: This pin is the primary clock reference input for the RMII mode and
must be connected to a 50-MHz 0.005% (+50 ppm) CMOS-level oscillator source.
CRYSTAL OUTPUT: This pin is the primary clock reference output to connect to an external 25-
X2
O
27
MHz crystal resonator device. This pin must be left unconnected if an external CMOS oscillator
clock source is used.
4.6
LED Interface
SIGNAL
TYPE
PIN #
DESCRIPTION
NAME
LINK LED: In Mode 1, this pin indicates the status of the LINK. The LED will be ON when Link is
good.
LED_LINK
S, O, PU
22
LINK/ACT LED: In Mode 2, this pin indicates transmit and receive activity in addition to the status
of the Link. The LED will be ON when Link is good. It will blink when the transmitter or receiver is
active.
SPEED LED: This LED is ON when DP83848x is in 100 Mb/s and OFF when DP83848x is in 10
LED_SPEED
S, O, PU
21
Mb/s. Functionality of this LED is independent of the mode selected.(1)
(1)
LED_SPEED only exists in the DP83848J/K. DP83848M/T/H has CLK_OUT on pin 21.
Copyright © 2008–2015, Texas Instruments Incorporated
Pin Configuration and Functions
7
Submit Documentation Feedback
Product Folder Links: DP83848H DP83848J DP83848K DP83848M DP83848T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com