Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848JSQ/NOPB Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848JSQ/NOPB
Description  MII Serial Management Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848JSQ/NOPB Datasheet(HTML) 63 Page - Texas Instruments

Back Button DP83848JSQ/NOPB Datasheet HTML 59Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 60Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 61Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 62Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 63Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 64Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 65Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 66Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 84 page
background image
DP83848H, DP83848J, DP83848K, DP83848M, DP83848T
www.ti.com
SNLS250E – MAY 2008 – REVISED APRIL 2015
Table 6-26. CD Test and BIST Extensions Register (CDCTRL1), address 0x1B (continued)
Bit
Bit Name
Default
Description
2
10MEG_PATT
0, RW
Defines gap between data or NLP test sequences:
_GAP
1 = 15 µs.
0 = 10 µs.
1:0
CDPATTSEL[1:0]
00, RW
CD Pattern Select[1:0]:
If CDPATTEN_10 = 1:
00 = Data, EOP0 sequence
01 = Data, EOP1 sequence
10 = NLPs
11 = Constant Manchester 1 s (10-MHz sine wave) for harmonic distortion testing.
6.6.1.2.10 Energy Detect Control (EDCR)
Table 6-27. Energy Detect Control (EDCR), address 0x1D
Bit
Bit Name
Default
Description
15
ED_EN
0, RW
Energy Detect Enable:
Allow Energy Detect Mode.
When Energy Detect is enabled and Auto-Negotiation is disabled through the BMCR
register, Auto-MDIX should be disabled through the PHYCR register.
14
ED_AUTO_UP
1, RW
Energy Detect Automatic Power Up:
Automatically begin power-up sequence when Energy Detect Data Threshold value
(EDCR[3:0]) is reached. Alternatively, device could be powered up manually using the
ED_MAN bit (ECDR[12]).
13
ED_AUTO_DOWN
1, RW
Energy Detect Automatic Power Down:
Automatically begin power-down sequence when no energy is detected. Alternatively,
device could be powered down using the ED_MAN bit (EDCR[12]).
12
ED_MAN
0, RW/SC
Energy Detect Manual Power Up/Down:
Begin power-up/down sequence when this bit is asserted. When set, the Energy Detect
algorithm will initiate a change of Energy Detect state regardless of threshold (error or
data) and timer values.
11
ED_BURST_DIS
0, RW
Energy Detect Bust Disable:
Disable bursting of energy detect data pulses. By default, Energy Detect (ED) transmits
a burst of 4 ED data pulses each time the CD is powered up. When bursting is
disabled, only a single ED data pulse will be send each time the CD is powered up.
10
ED_PWR_STATE
0, RO
Energy Detect Power State:
Indicates current Energy Detect Power state. When set, Energy Detect is in the
powered up state. When cleared, Energy Detect is in the powered down state. This bit
is invalid when Energy Detect is not enabled.
9
ED_ERR_MET
0, RO/COR
Energy Detect Error Threshold Met:
No action is automatically taken upon receipt of error events. This bit is informational
only and would be cleared on a read.
8
ED_DATA_MET
0, RO/COR
Energy Detect Data Threshold Met:
The number of data events that occurred met or surpassed the Energy Detect Data
Threshold. This bit is cleared on a read.
7:4
ED_ERR_COUNT
0001, RW
Energy Detect Error Threshold:
Threshold to determine the number of energy detect error events that should cause the
device to take action. Intended to allow averaging of noise that may be on the line.
Counter will reset after approximately 2 seconds without any energy detect data
events.
3:0
ED_DATA_COUNT
0001, RW
Energy Detect Data Threshold:
Threshold to determine the number of energy detect events that should cause the
device to take actions. Intended to allow averaging of noise that may be on the line.
Counter will reset after approximately 2 seconds without any energy detect data
events.
Copyright © 2008–2015, Texas Instruments Incorporated
Detailed Description
63
Submit Documentation Feedback
Product Folder Links: DP83848H DP83848J DP83848K DP83848M DP83848T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com