Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848JSQ/NOPB Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848JSQ/NOPB
Description  MII Serial Management Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848JSQ/NOPB Datasheet(HTML) 29 Page - Texas Instruments

Back Button DP83848JSQ/NOPB Datasheet HTML 25Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 26Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 27Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 28Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 29Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 30Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 31Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 32Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 84 page
background image
DP83848H, DP83848J, DP83848K, DP83848M, DP83848T
www.ti.com
SNLS250E – MAY 2008 – REVISED APRIL 2015
6.3.1.4
Auto-Negotiaion Restart
Once Auto-Negotiation has completed, it may be restarted at any time by setting bit 9 (Restart Auto-
Negotiation) of the BMCR to one. If the mode configured by a successful Auto-Negotiation loses a valid
link, then the Auto-Negotiation process will resume and attempt to determine the configuration for the link.
This function ensures that a valid configuration is maintained if the cable becomes disconnected.
A renegotiation request from any entity, such as a management agent, will cause the DP83848x to halt
any transmit data and link pulse activity until the break_link_timer expires (approximately 1500 ms).
Consequently, the Link Partner will go into link fail and normal Auto-Negotiation resumes. The DP83848x
will resume Auto-Negotiation after the break_link_timer has expired by issuing FLP (Fast Link Pulse)
bursts.
6.3.1.5
Auto-Negotiation Complete Time
Parallel detection and Auto-Negotiation take approximately 2-3 seconds to complete. In addition, Auto-
Negotiation with next page should take approximately 2-3 seconds to complete, depending on the number
of next pages sent.
Refer to Clause 28 of the IEEE 802.3 standard for a full description of the individual timers related to Auto-
Negotiation.
6.3.2
Auto-MDIX
When enabled, this function uses Auto-Negotiation to determine the proper configuration for transmission
and reception of data and subsequently selects the appropriate MDI pair for MDI/MDIX operation. The
function uses a random seed to control switching of the crossover circuitry. This implementation complies
with the corresponding IEEE 802.3 Auto-Negotiation and Crossover Specifications.
Auto-MDIX is enabled by default and can be configured through strap or through PHYCR (0x19h) register,
bits [15:14]. Neither Auto-Negotiation nor Auto-MDIX is required to be enabled in forcing crossover of the
MDI pairs. Forced crossover can be achieved through the FORCE_MDIX bit, bit 14 of PHYCR (0x19h)
register.
NOTE
Auto-MDIX will not work in a forced mode of operation.
6.3.3
LED Interface
The DP83848J/K supports configurable Light Emitting Diode (LED) pins for configuring the link and speed.
The DP83848H/M/T supports a configurable Light Emitting Diode (LED) pin for configuring the link.
Additional configuration of LED_LINK can be achieved using bit [5] of the PHY Control Register (PHYCR)
at register address 19h.
See Table 6-2 for LED Mode selection of DP83848x.
Table 6-2. LED Mode Select for DP83848x
LED_CFG[0]
MODE
LED_LINK
LED_SPEED(1)
(bit 5) or (pin 33)
1
1
ON for Good Link
ON in 100Mb/s
OFF for No Link
OFF in 10Mb/s
2
0
ON for Good Link
ON in 100Mb/s
BLINK for Activity
OFF in 10Mb/s
(1)
LED_SPEED only supported for DP83848J/K.
Copyright © 2008–2015, Texas Instruments Incorporated
Detailed Description
29
Submit Documentation Feedback
Product Folder Links: DP83848H DP83848J DP83848K DP83848M DP83848T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com