Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848JSQ/NOPB Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848JSQ/NOPB
Description  MII Serial Management Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848JSQ/NOPB Datasheet(HTML) 65 Page - Texas Instruments

Back Button DP83848JSQ/NOPB Datasheet HTML 61Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 62Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 63Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 64Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 65Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 66Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 67Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 68Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 84 page
background image
1:1
1:1
RJ45
NOTE: CENTER TAP IS PULLED TO VDD
*PLACE CAPACITORS CLOSE TO THE
TRANSFORMER CENTER TAPS
RD-
RD+
TD-
TD+
0.1 PF*
0.1 PF*
COMMON MODE CHOKES
MAY BE REQUIRED
0.1 PF
0.1 PF
Vdd
Vdd
Vdd
All values are typical and are +/- 1%
49.9 :
49.9 :
49.9 :
49.9 :
PLACE RESISTORS AND
CAPACITORS CLOSE TO
THE DEVICE
TPRDM
TDRDP
TPTDM
TPTDP
T1
DP83848H, DP83848J, DP83848K, DP83848M, DP83848T
www.ti.com
SNLS250E – MAY 2008 – REVISED APRIL 2015
Figure 7-2. 10/100 Mb/s Twisted Pair Interface
7.2.1.2
Clock IN (X1) Recommendations
The DP83848x supports an external CMOS level oscillator source or a crystal resonator device.
7.2.1.2.1 Oscillator
If an external clock source is used, X1 should be tied to the clock source and X2 should be left floating.
The CMOS oscillator specifications for MII Mode are listed in Table 7-1. For RMII Mode, the CMOS
oscillator specifications are listed in Table 7-2. For RMII mode, it is not recommended that the system
clock out, Pin 21 of DP83848H, DP83848M, or DP83848T devices, be used as the reference clock to the
MAC without first verifying the interface timing. See AN-1405 for more details.
7.2.1.2.2 Crystal
A 25-MHz, parallel, 20-pF load crystal resonator should be used if a crystal source is desired. Figure 7-3
shows a typical connection for a crystal resonator circuit. The load capacitor values will vary with the
crystal vendors; check with the vendor for the recommended loads.
The oscillator circuit is designed to drive a parallel resonance AT cut crystal with a minimum drive level of
100 µW and a maximum of 500 µW. If a crystal is specified for a lower drive level, a current limiting
resistor should be placed in series between X2 and the crystal.
As a starting point for evaluating an oscillator circuit, if the requirements for the crystal are not known, CL1
and CL2 should be set at 33 pF, and R1 should be set at 0
Ω.
Specification for 25-MHz crystal are listed in Table 7-3.
Copyright © 2008–2015, Texas Instruments Incorporated
Application, Implementation, and Layout
65
Submit Documentation Feedback
Product Folder Links: DP83848H DP83848J DP83848K DP83848M DP83848T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com