Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848JSQ/NOPB Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848JSQ/NOPB
Description  MII Serial Management Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848JSQ/NOPB Datasheet(HTML) 49 Page - Texas Instruments

Back Button DP83848JSQ/NOPB Datasheet HTML 45Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 46Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 47Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 48Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 49Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 50Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 51Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 52Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 84 page
background image
DP83848H, DP83848J, DP83848K, DP83848M, DP83848T
www.ti.com
SNLS250E – MAY 2008 – REVISED APRIL 2015
Table 6-8. Register Table
Register Name
Addr
Tag
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Basic Mode Control
00h
BMCR
Reset
Loopback
Speed
AutoNeg
Power
Isolate
Restart
Duplex
Collision
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Register
Selection
Enable
Down
AutoNeg
Mode
Test
Basic Mode Status
01h
BMSR
100Base-
100Base -
100Base -
10Base-
10Base-
Reserved
Reserved
Reserved
Reserved
MF Pre-
Auto- Neg
Remote
Auto- Neg Link Status
Jabber
Extended
Register
T4
TX FDX
TX HDX
TFDX
THDX
amble Sup- Com- plete
Fault
Ability
Detect
Capability
press
PHY Identifier Register 1
02h
PHYIDR1
OUI MSB
OUI MSB
OUI MSB
OUI MSB
OUI MSB
OUI MSB
OUI MSB
OUI MSB
OUI MSB
OUI MSB
OUI MSB
OUI MSB
OUI MSB
OUI MSB
OUI MSB
OUI MSB
PHY Identifier Register 2
03h
PHYIDR2
OUI LSB
OUI LSB
OUI LSB
OUI LSB
OUI LSB
OUI LSB
VNDR_
VNDR_
VNDR_
VNDR_
VNDR_
VNDR_
MDL_ REV MDL_ REV MDL_ REV MDL_ REV
MDL
MDL
MDL
MDL
MDL
MDL
Auto-Negotiation
04h
ANAR
Next Page
Reserved
Remote
Reserved
ASM_DI R
PAUSE
T4
TX_FD
TX
10_FD
10
Protocol
Protocol
Protocol
Protocol
Protocol
Advertisement Register
Ind
Fault
Selection
Selection
Selection
Selection
Selection
Auto-Negotiation Link
05h
ANLPAR
Next Page
ACK
RemoteFau Reserved
ASM_DI R
PAUSE
T4
TX_FD
TX
10_FD
10
Protocol
Protocol
Protocol
Protocol
Protocol
Partner Ability Register
Ind
lt
Selection
Selection
Selection
Selection
Selection
(Base Page)
Auto-Negotiation Link
05h
ANLPARN
Next Page
ACK
Message
ACK2
Toggle
Code
Code
Code
Code
Code
Code
Code
Code
Code
Code
Code
Partner Ability Register
P
Ind
Page
Next Page
Auto-Negotiation
06h
ANER
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
PDF
LP_NP_
NP_ ABLE PAGE_ RX
LP_AN_
Expansion Register
ABLE
ABLE
Auto-Negotiation Next
07h
ANNPTR
Next Page
Reserved
Message
ACK2
TOG_TX
CODE
CODE
CODE
CODE
CODE
CODE
CODE
CODE
CODE
CODE
CODE
Page TX Register
Ind
Page
RESERVED
08-0fh
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
EXTENDED REGISTERS
PHY Status Register
10h
PHYSTS
Reserved
MDI-X
Rx Err
Polarity
False
Signal
Descram
Page
Reserved
Remote
Jabber
Auto-Neg
Loopback
Duplex
Speed
Link Status
mode
Latch
Status
Carrier
Detect
Lock
Receive
Fault
Detect
Complete
Status
Status
Status
Sense
RESERVED
11h
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
RESERVED
12h
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
RESERVED
13h
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
False Carrier Sense
14h
FCSCR
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
FCSCNT
FCSCNT
FCSCNT
FCSCNT
FCSCNT
FCSCNT
FCSCNT
FCSCNT
Counter Register
Receive Error Counter
15h
RECR
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
RXERCNT RXERCNT RXERCNT RXERCNT RXERCNT RXERCNT RXERCNT RXERCNT
Register
PCS Sub-Layer
16h
PCSR
Reserved
Reserved
Reserved
Reserved
Reserved
TQ_EN
SD_FOR
SD_
DESC_T
Reserved
FORCE_
Reserved
Reserved
NRZI_
SCRAM_
DE
Configuration and Status
CE_PMA
OPTION
IME
100_OK
BYPASS
BYPASS
SCRAM_
Register
BYPASS
RMII and Bypass Register
17h
RBR
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
RMII_M
RMII_RE
RX_OVF
RX_UNF
RX_RD_
RX_RD_
ODE
V1_0
_STS
_STS
PTR[1]
PTR[0]
LED Direct Control
18h
LEDCR
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
DRV_SP
(1)
DRV_LN
Reserved
SPDLED
(1)
LNKLED
Reserved
Register
DLED
KLED
PHY Control Register
19h
PHYCR
MDIX_E N
FORCE_
PAUSE_
PAUSE_
BIST_fe
PSR_15
BIST_
BIST_ST
BP_STR
Reserved
LED_
PHY ADDR PHY ADDR PHY ADDR PHY ADDR PHY ADDR
MDIX
RX
TX
STATUS
ART
ETCH
CNFG[0]
10Base-T Status/Control
1Ah
10BT_ S
Reserved
Reserved
Reserved
Reserved
SQUELC H SQUELC H SQUELC H
LOOPBA
LP_DIS
FORC_
Reserved
POLARITY
Reserved
Reserved
HEART_
JABBER
Register
CR
CK_10_
LINK_10
DIS
_DIS
DIS
CD Test Control and BIST
1Bh
CDCTRL1
BIST_ER
BIST_ER
BIST_ER
BIST_ER
BIST_ER
BIST_ER
BIST_ER
BIST_ER
Reserved
Reserved
BIST_C
CDPattE
Reserved
10Meg_
CDPatt-
CDPatt-
Extensions Register
ROR_C
ROR_C
ROR_C
ROR_C
ROR_C
ROR_C
ROR_C
ROR_C
ONT_M
N_10
Patt_Ga p
Sel
Sel
OUNT
OUNT
OUNT
OUNT
OUNT
OUNT
OUNT
OUNT
ODE
(1)
DP83848J/K only.
Copyright © 2008–2015, Texas Instruments Incorporated
Detailed Description
49
Submit Documentation Feedback
Product Folder Links: DP83848H DP83848J DP83848K DP83848M DP83848T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com