Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848JSQ/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848JSQ/NOPB
Description  MII Serial Management Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848JSQ/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  DP83848JSQ/NOPB Datasheet HTML 1Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 2Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 3Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 4Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 5Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 6Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 7Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 8Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 84 page
background image
DP83848H, DP83848J, DP83848K, DP83848M, DP83848T
SNLS250E – MAY 2008 – REVISED APRIL 2015
www.ti.com
3
Device Comparison
Table 3-1. Device Features(1)
TEMPERATURE RANGE
DEVICE
TEMPERATURE GRADE
MIN
MAX
DP83848J/M
0°C
70°C
Commercial
DP83848K/T
-40°C
85°C
Industrial
DP83848H
-40°C
125°C
Extreme
(1)
Pin 21 is the CLK_OUT pin for the DP83848H/M/T.
4
Pin Configuration and Functions
The DP83848x pins are classified into the following interface categories (each interface is described in the
sections that follow):
•
Serial Management Interface
•
MAC Data Interface
•
Clock Interface
•
LED Interface
•
Reset
•
Strap Options
•
10/100 Mb/s PMD Interface
•
Special Connections
•
Power Supply Pins
NOTE
Strapping pin option. See Section 4.8 for strap definitions.
All DP83848x signal pins are I/O cells regardless of the particular use. The definitions below define the
functionality of the I/O cells for each pin.
Type: I
Input
Type: O
Output
Type: I/O
Input/Output
Type: OD
Open Drain
Type: PD,PU Internal Pulldown/Pullup
Type: S
Strapping Pin (All strap pins have weak internal pullups or pulldowns. If the default strap
value is to be changed then an external 2.2-k
Ω resistor should be used. See Section 4.8 for
details.)
4
Pin Configuration and Functions
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83848H DP83848J DP83848K DP83848M DP83848T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com