Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848JSQ/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848JSQ/NOPB
Description  MII Serial Management Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848JSQ/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button DP83848JSQ/NOPB Datasheet HTML 7Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 8Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 9Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 10Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 11Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 12Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 13Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 14Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 84 page
background image
DP83848H, DP83848J, DP83848K, DP83848M, DP83848T
www.ti.com
SNLS250E – MAY 2008 – REVISED APRIL 2015
5.5
DC Specifications
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
PIN TYPES
MIN
TYP
MAX
UNIT
VIH
Input high voltage
Nominal VCC
I I/O
2
V
VIL
Input low voltage
I I/O
0.8
V
IIH
Input high current
VIN = VCC
I I/O
10
µA
IIL
Input low current
VIN = GND
I I/O
10
µA
VOL
Output low voltage
IOL = 4 mA
O, I/O
0.4
V
VOH
Output high voltage
IOH = –4 mA
O, I/O
Vcc – 0.5
V
VledOL
Output low voltage
IOL = 2.5 mA
LED
0.4
V
VledOH
Output high voltage
IOH = –2.5 mA
LED
Vcc – 0.5
V
IOZ
Tri-state leakage
VOUT = VCC
I/O, O
±10
µA
VTPTD_100
100M Transmit voltage
PMD Output
0.95
1
1.05
V
VTPTDsym
100M Transmit voltage symmetry
PMD Output Pair
±2%
VTPTD_10
10M Transmit voltage
PMD Output Pair
2.2
2.5
2.8
V
CIN1
CMOS Input capacitance
I
5
pF
COUT1
CMOS Output capacitance
O
5
pF
SDTHon
100BASE-TX Signal detect turnon
PMD Input Pair
1000
mV diff pk-
threshold
pk
SDTHoff
100BASE-TX Signal detect turnoff
PMD Input Pair
200
mV diff pk-
threshold
pk
VTH1
10BASE-T Receive Threshold
PMD Input Pair
585
mV
Idd100
100BASE-TX (Full Duplex)
PMD Input Pair
81
IOUT = 0 mA
(1)
mA
Idd10
10BASE-T (Full Duplex)
Supply
92
(1)
Refer to application note SNLA089, “Power Measurement of Ethernet Physical Layer Products”
5.6
AC Timing Requirements
MIN
NOM
MAX
UNIT
POWER UP TIMING (REFER TO Figure 5-1)(1)
MDIO is pulled high for 32-bit serial management
Post Power Up Stabilization time prior to MDC
initialization.
T2.1.1
167
ms
preamble for register accesses
X1 Clock must be stable for a minimum of 167 ms at
power up.
Hardware Configuration Pins are described in Section 4.
Hardware Configuration Latch-in Time from power
T2.1.2
X1 Clock must be stable for a minimum of 167 ms at
167
ms
up
power up.
Hardware Configuration pins transition to output
T2.1.3
50
ns
drivers
RESET TIMING (REFER TO Figure 5-2)(2)
Post RESET Stabilization time prior to MDC
MDIO is pulled high for 32-bit serial management
T2.2.1
3
µs
preamble for register accesses
initialization.
Hardware Configuration Latch-in Time from the
T2.2.2
Hardware Configuration Pins are described in Section 4.
3
µs
Deassertion of RESET (either soft or hard)
Hardware Configuration pins transition to output
T2.2.3
50
ns
drivers
X1 Clock must be stable for at minimum of 1 µs during
T2.2.4
RESET pulse width
1
µs
RESET pulse low time.
MII SERIAL MANAGEMENT TIMING (REFER TO Figure 5-3)
T2.3.1
MDC to MDIO (Output) Delay Time
0
30
ns
T2.3.2
MDIO (Input) to MDC Setup Time
10
ns
T2.3.3
MDIO (Input) to MDC Hold Time
10
ns
T2.3.4
MDC Frequency
2.5
25
MHz
(1)
In RMII Mode, the minimum Post Power up Stabilization and Hardware Configuration Latch-in times are 84 ms.
(2)
It is important to choose pullup and/or pulldown resistors for each of the hardware configuration pins that provide fast RC time constants
in order to latch-in the proper value prior to the pin transitioning to an output driver.
Copyright © 2008–2015, Texas Instruments Incorporated
Specifications
11
Submit Documentation Feedback
Product Folder Links: DP83848H DP83848J DP83848K DP83848M DP83848T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com