Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848JSQ/NOPB Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848JSQ/NOPB
Description  MII Serial Management Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848JSQ/NOPB Datasheet(HTML) 62 Page - Texas Instruments

Back Button DP83848JSQ/NOPB Datasheet HTML 58Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 59Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 60Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 61Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 62Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 63Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 64Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 65Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 84 page
background image
DP83848H, DP83848J, DP83848K, DP83848M, DP83848T
SNLS250E – MAY 2008 – REVISED APRIL 2015
www.ti.com
6.6.1.2.8 10BASE-T Status/Control Register (10BTSCR)
Table 6-25. 10BASE-T Status/Control Register (10BTSCR), address 0x1A
Bit
Bit Name
Default
Description
15
RESERVED
0, RW
RESERVED: Must be zero.
14:12
RESERVED
0, RW
RESERVED: Must be zero.
11:9
SQUELCH
100, RW
Squelch Configuration:
Used to set the Squelch ‘ON’ threshold for the receiver.
Default Squelch ON is 330-mV peak.
8
LOOPBACK_10_DIS
0, RW
In half-duplex mode, default 10BASE-T operation loops Transmit data to the Receive data
in addition to transmitting the data on the physical medium. This is for consistency with
earlier 10BASE2 and 10BASE5 implementations which used a shared medium. Setting
this bit disables the loopback function.
This bit does not affect loopback due to setting BMCR[14].
7
LP_DIS
0, RW
Normal Link Pulse Disable:
1 = Transmission of NLPs is disabled.
0 = Transmission of NLPs is enabled.
6
FORCE_LINK_10
0, RW
Force 10Mb Good Link:
1 = Forced Good 10 Mb Link.
0 = Normal Link Status.
5
RESERVED
0, RW
RESERVED: Must be zero.
4
POLARITY
RO/LH
10Mb Polarity Status:
This bit is a duplication of bit 12 in the PHYSTS register. Both bits will be cleared upon a
read of 10BTSCR register, but not upon a read of the PHYSTS register.
1 = Inverted Polarity detected.
0 = Correct Polarity detected.
3
RESERVED
0, RW
RESERVED: Must be zero.
2
RESERVED
1, RW
RESERVED: Must be set to one.
1
HEARTBEAT_DIS
0, RW
Heartbeat Disable: This bit only has influence in half-duplex 10Mb mode.
1 = Heartbeat function disabled.
0 = Heartbeat function enabled.
When the device is operating at 100 Mb or configured for full duplex operation, this
bit will be ignored - the heartbeat function is disabled.
0
JABBER_DIS
0, RW
Jabber Disable:
Applicable only in 10BASE-T.
1 = Jabber function disabled.
0 = Jabber function enabled.
6.6.1.2.9 CD Test and BIST Extensions Register (CDCTRL1)
Table 6-26. CD Test and BIST Extensions Register (CDCTRL1), address 0x1B
Bit
Bit Name
Default
Description
15:8
BIST_ERROR
0, RO
BIST ERROR Counter:
_COUNT
Counts number of errored data nibbles during Packet BIST. This value will reset when
Packet BIST is restarted. The counter sticks when it reaches its max count.
7:6
RESERVED
0, RW
RESERVED: Must be zero.
5
BIST_CONT
0, RW
Packet BIST Continuous Mode:
_MODE
Allows continuous pseudo random data transmission without any break in transmission. This
can be used for transmit VOD testing. This is used in conjunction with the BIST controls in
the PHYCR Register (0x19h). For 10 Mb operation, jabber function must be disabled, bit 0 of
the 10BTSCR (0x1Ah), JABBER_DIS = 1.
4
CDPATTEN_10
0, RW
CD Pattern Enable for 10Mb:
1 = Enabled.
0 = Disabled.
3
RESERVED
0, RW
RESERVED: Must be zero.
62
Detailed Description
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83848H DP83848J DP83848K DP83848M DP83848T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com