Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848JSQ/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848JSQ/NOPB
Description  MII Serial Management Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848JSQ/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button DP83848JSQ/NOPB Datasheet HTML 2Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 3Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 4Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 5Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 6Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 7Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 8Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 9Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 84 page
background image
DP83848H, DP83848J, DP83848K, DP83848M, DP83848T
SNLS250E – MAY 2008 – REVISED APRIL 2015
www.ti.com
4.2
Package Pin Assignments
NSQAU040
PIN NAME
NSQAU040
PIN NAME
PIN #
(DP83848J)
PIN #
(DP83848J)
1
IO_VDD
21(1)
LED_SPEED/AN1
2
TX_CLK
22
LED_LINK/AN0
3
TX_EN
23
RESET_N
4
TXD_0
24
MDIO
5
TXD_1
25
MDC
6
TXD_2
26
IOVDD33
7
TXD_3
27
X2
8
RESERVED
28
X1
9
RESERVED
29
DGND
10
RESERVED
30
PFBIN2
11
RD–
31
RX_CLK
12
RD+
32
RX_DV/MII_MODE
13
AGND
33
CRS/CRS_DV/LED_CFG
14
TD –
34
RX_ER/MDIX_EN
15
TD +
35
COL/PHYAD0
16
PFBIN1
36
RXD_0/PHYAD1
17
AGND
37
RXD_1/PHYAD2
18
AVDD33
38
RXD_2/PHYAD3
19
PFBOUT
39
RXD_3/PHYAD4
20
RBIAS
40
IOGND
(1)
Pin 21 is the CLK_OUT pin for the DP83848H/M/T.
4.3
Serial Management Interface
SIGNAL
TYPE
PIN #
DESCRIPTION
NAME
MANAGEMENT DATA CLOCK: Synchronous clock to the MDIO management data input/output
MDC
I
25
serial interface which may be asynchronous to transmit and receive clocks. The maximum clock
rate is 25 MHz with no minimum clock rate.
MANAGEMENT DATA I/O: Bi-directional management instruction/data signal that may be
MDIO
I/O
24
sourced by the station management entity or the PHY. This pin requires a 1.5-k
Ω pullup resistor.
4.4
Mac Data Interface
SIGNAL
TYPE
PIN #
DESCRIPTION
NAME
MII COLLISION DETECT: Asserted high to indicate detection of a collision condition
(simultaneous transmit and receive activity) in 10 Mb/s and 100 Mb/s Half-Duplex Modes.
While in 10BASE-T Half-Duplex mode with heartbeat enabled this pin is also asserted for a
duration of approximately 1 µs at the end of transmission to indicate heartbeat (SQE test).
COL
S, O, PU
35
In Full Duplex Mode, for 10 Mb/s or 100 Mb/s operation, this signal is always logic 0. There is no
heartbeat function during 10Mb/s full duplex operation.
RMII COLLISION DETECT: Per the RMII Specification, no COL signal is required. The MAC will
recover CRS from the CRS_DV signal and use that along with its TX_EN signal to determine
collision.
MII CARRIER SENSE: Asserted high to indicate the receive medium is non-idle.
CRS/CRS_D
RMII CARRIER SENSE/RECEIVE DATA VALID: This signal combines the RMII Carrier and
S, O, PU
33
V
Receive Data Valid indications. For a detailed description of this signal, see the RMII
Specification.
MII RECEIVE CLOCK: Provides the 25 MHz recovered receive clocks for 100 Mb/s mode and
2.5 MHz for 10 Mb/s mode.
RX_CLK
O
31
Unused in RMII mode. The device uses the X1 reference clock input as the 50 MHz reference for
both transmit and receive.
6
Pin Configuration and Functions
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83848H DP83848J DP83848K DP83848M DP83848T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com