Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848JSQ/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848JSQ/NOPB
Description  MII Serial Management Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848JSQ/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  DP83848JSQ/NOPB Datasheet HTML 1Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 2Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 3Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 4Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 5Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 6Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 7Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 8Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DP83848H, DP83848J, DP83848K, DP83848M, DP83848T
SNLS250E – MAY 2008 – REVISED APRIL 2015
DP83848x PHYTER Mini / LS Single Port 10/100 MB/s Ethernet Transceiver
1
Device Overview
1.1
Features
1
• Low-Power 3.3-V, 0.18-µm CMOS Technology
• Integrated ANSI X3.263 Compliant TP-PMD
Physical Sub-Layer with Adaptive Equalization and
• Auto-MDIX for 10/100 Mb/s
Baseline Wander Compensation
• Energy Detection Mode
• Error-Free Operation Beyond 137 Meters
• 3.3-V MAC Interface
• ESD Protection – Greater than 4 kV Human Body
• RMII Rev. 1.2 Interface (configurable)
Model
• MII Interface
• Configurable LED for Link and Activity
• MII Serial Management Interface (MDC and MDIO)
(DP83848J/K)
• IEEE 802.3 Auto-Negotiation and Parallel
• 25-MHz Clock Output (DP83848H/M/T)
Detection
• Single Register Access for Complete PHY Status
• IEEE 802.3 ENDEC, 10BASE-T Transceivers and
• 10/100 Mb/s Packet BIST (Built-in Self Test)
Filters
• IEEE 802.3 PCS, 100BASE-TX Transceivers and
Filters
1.2
Applications
•
Peripheral Devices
•
Factory and Building Automation
•
Mobile Devices
•
Base Stations
1.3
Description
The DP83848x device addresses the quality, reliability and small form factor required for space sensitive
applications in embedded systems.
The DP83848x offers performance far exceeding the IEEE specifications, with superior interoperability and
industry leading performance beyond 137 meters of Cat-V cable. The DP83848x also offers Auto-MDIX to
remove cabling complications. DP83848x has superior ESD protection, greater than 4 kV Human Body
Model, providing extremely high reliability and robust operation, ensuring a high-level performance in all
applications.
DP83848J/K offers two flexible LED indicators one for Link and the other for Speed. In addition, both MII
and RMII are supported ensuring ease and flexibility of design.
The DP83848H/M/T incorporates a 25-MHz clock out that eliminates the need and hence the space and
cost, of an additional clock source component.
The DP83848x is offered in small 6-mm × 6-mm WQFN 40-pin package and is ideal for industrial controls,
building/factory automation, transportation, test equipment and wire-less base stations.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DP83848x
WQFN (40)
6.00 mm × 6.00 mm
(1)
For more information, see Section 9, Mechanical Packaging and Orderable Information.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DP83848JSQ/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83848JSQ TI-DP83848JSQ Datasheet
705Kb / 80P
DP83848J PHYTER Mini LS Commercial Temperature Single Port 10/100 Mb/s Ethernet Transceiver
More results

Similar Description - DP83848JSQ/NOPB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADM8511 ETC1-ADM8511 Datasheet
672Kb / 57P
USB / FAST ETHERNET WITH MII INTERFACE
logo
Intel Corporation
LXT9762 INTEL-LXT9762 Datasheet
1Mb / 78P
Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
logo
Davicom Semiconductor, ...
DM8606C DAVICOM-DM8606C Datasheet
102Kb / 2P
6-Port Fast Ethernet Single Chip Switch Controller with MII/RMII/Reverse MII Interface
logo
Renesas Technology Corp
R1EX24002ASAS0G RENESAS-R1EX24002ASAS0G_15 Datasheet
505Kb / 18P
Two-wire serial interface Two-wire serial interface
logo
IK Semicon Co., Ltd
IK2102DW IKSEMICON-IK2102DW Datasheet
2Mb / 23P
Serial Interface
IK2108DW IKSEMICON-IK2108DW Datasheet
547Kb / 21P
Serial Interface
logo
Texas Instruments
DP83848LFQ TI1-DP83848LFQ Datasheet
2Mb / 82P
MII Serial Management Interface
DP83848Q-Q1 TI1-DP83848Q-Q1 Datasheet
2Mb / 82P
MII Serial Management Interface
logo
Renesas Technology Corp
ICS1894-34 RENESAS-ICS1894-34 Datasheet
567Kb / 49P
10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH MII INTERFACE
REV B 052112
ICS1894-44 RENESAS-ICS1894-44 Datasheet
611Kb / 54P
10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH MII INTERFACE
030112
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com