Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848JSQ/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848JSQ/NOPB
Description  MII Serial Management Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848JSQ/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button DP83848JSQ/NOPB Datasheet HTML 4Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 5Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 6Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 7Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 8Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 9Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 10Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 11Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 84 page
background image
DP83848H, DP83848J, DP83848K, DP83848M, DP83848T
SNLS250E – MAY 2008 – REVISED APRIL 2015
www.ti.com
4.7
Reset
SIGNAL
TYPE
PIN #
DESCRIPTION
NAME
RESET: Active Low input that initializes or re-initializes the DP83848x. Asserting this pin low for
at least 1 µs will force a reset process to occur. All internal registers will re-initialize to their
RESET_N
I, PU
23
default states as specified for each bit in the Register Block section. All strap options are re-
initialized as well.
4.8
Strap Options
DP83848x uses many functional pins as strap options. The values of these pins are sampled during reset
and used to strap the device into specific modes of operation. The strap option pin assignments are
defined below. The functional pin name is indicated in parentheses.
A 2.2-k
Ω resistor should be used for pulldown or pullup to change the default strap option. If the default
option is required, then there is no need for external pullup or pulldown resistors. Because these pins may
have alternate functions after reset is deasserted, they should not be connected directly to VCC or GND.
SIGNAL NAME
TYPE
PIN #
DESCRIPTION
PHY ADDRESS [4:0]: The DP83848x provides five PHY address pins, the state of which
are latched into the PHYCTRL register at system Hardware-Reset.
PHYAD0 (COL)
35
The DP83848x supports PHY Address strapping values 0 (<00000>) through 31 (<11111>).
PHYAD1 (RXD_0)
36
A PHY Address of 0 puts the part into the MII Isolate Mode. The MII isolate mode must
S, O, PU
PHYAD2 (RXD_1)
37
be selected by strapping Phy Address 0; changing to Address 0 by register write will not put
S, O, PD
PHYAD3 (RXD_2)
38
the Phy in the MII isolate mode. Refer to Section 6.4.4 for additional information.
PHYAD4 (RXD_3)
39
PHYAD0 pin has weak internal pullup resistor.
PHYAD[4:1] pins have weak internal pulldown resistors.
These input pins control the advertised operating mode of the device according to the
following table. The value on these pins are set by connecting them to GND (0) or VCC (1)
through 2.2-k
Ω resistors. These pins should NEVER be connected directly to GND or VCC.
The value set at this input is latched into the DP83848x at Hardware-Reset.
The float/pulldown status of these pins are latched into the Basic Mode Control Register
and the Auto_Negotiation Advertisement Register during Hardware-Reset.
The default for DP83848x is 11 because these pins have an internal pullup.
AN0 (LED_LINK)
S, O, PU
22
AN1
S, O, PU
21
AN1(1)
AN0
Advertised Mode
(LED_SPEED)(1)
0
0
10BASE-T, Half/full-Duplex
0
1
100BASE-TX, Half/full-Duplex
1
0
10BASE-T, Half-Duplex
100BASE-TX, Half-Duplex
1
1
10BASE-T, Half/Full-Duplex
100BASE-TX, Hal/Full-Duplex
MII MODE SELECT: This strapping option determines the operating mode of the MAC
Data Interface. Default operation (No pullup) will enable normal MII Mode of operation.
Strapping MII_MODE high will cause the device to be in RMII mode of operation. Because
the pin includes an internal pulldown, the default value is 0.
The following table details the configuration:
MII_MODE (RX_DV)
S, O, PD
32
MIL_MODE
MAC Interface Mode
0
MII Mode
1
RMII Mode
LED CONFIGURATION: This strapping option determines the mode of operation of the
LED pins. Default is Mode 1. Mode 1 and Mode 2 can be controlled through the strap
LED_CFG
S, O, PU
33
option. All modes are configurable through register access.
(CRS/CRS_DV)
See Table 6-2 for LED Mode Selection.
MDIX ENABLE: Default is to enable MDIX. This strapping option disables Auto-MDIX. An
MDIX_EN (RX_ER)
S, O, PU
34
external pulldown will disable Auto-MDIX mode.
(1)
AN1 (LED_SPEED) is only available on the DP83848J/K.
8
Pin Configuration and Functions
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83848H DP83848J DP83848K DP83848M DP83848T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com