Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848JSQ/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848JSQ/NOPB
Description  MII Serial Management Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848JSQ/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button DP83848JSQ/NOPB Datasheet HTML 6Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 7Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 8Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 9Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 10Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 11Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 12Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 13Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 84 page
background image
DP83848H, DP83848J, DP83848K, DP83848M, DP83848T
SNLS250E – MAY 2008 – REVISED APRIL 2015
www.ti.com
5
Specifications
5.1
Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
VCC
Supply voltage
–0.5
4.2
V
VIN
DC input voltage
–0.5
VCC + 0.5
V
VOUT
DC output voltage
–0.5
VCC + 0.5
V
Max case temperature
147.7
°C
TJ
Max die temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All parameters are specified by test, statistical analysis or design.
5.2
ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)(2)
±4000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-
±1000
C101(3)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
RZAP = 1.5 kΩ, CZAP = 120 pF
(3)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
5.3
Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3.3
±0.3
V
TA
Commerical - DP83848J/M
0
70
°C
Ambient temperature
Industrial - DP83848K/T
–40
85
Extreme - DP83848H
–40
125
PD
Power dissipation
264
mW
5.4
Thermal Information
DP83848x
THERMAL METRIC(1)
RTA [WQFN]
UNIT
40 PINS
RθJA
Junction-to-ambient thermal resistance
31.7
RθJC(top)
Junction-to-case (top) thermal resistance
8.8
RθJB
Junction-to-board thermal resistance
40.5
°C/W
ψJT
Junction-to-top characterization parameter
0.4
ψJB
Junction-to-board characterization parameter
10.5
RθJC(bot)
Junction-to-case (bottom) thermal resistance
5.5
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
10
Specifications
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83848H DP83848J DP83848K DP83848M DP83848T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com