Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848JSQ/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848JSQ/NOPB
Description  MII Serial Management Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848JSQ/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button DP83848JSQ/NOPB Datasheet HTML 9Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 10Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 11Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 12Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 13Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 14Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 15Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 16Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 84 page
background image
DP83848H, DP83848J, DP83848K, DP83848M, DP83848T
www.ti.com
SNLS250E – MAY 2008 – REVISED APRIL 2015
AC Timing Requirements (continued)
MIN
NOM
MAX
UNIT
T2.15.3
Receive Data Latency
Measurement shown from SFD
8
bits
10BASE-T RECEIVE TIMING (END OF PACKET) (REFER TO Figure 5-16)
T2.16.1
Carrier Sense Turn Off Delay
1
µs
10Mb/s HEARTBEAT TIMING (REFER TO Figure 5-17)
T2.17.1
CD Heartbeat Delay
All 10 Mb/s modes
1200
ns
T2.17.2
CD Heartbeat Duration
All 10 Mb/s modes
1000
ns
10 Mb/s JABBER TIMING (REFER TO Figure 5-18)
T2.18.1
Jabber Activation Time
85
ms
T2.18.2
Jabber Deactivation Time
500
ms
10BASE-T NORMAL LINK PULSE TIMING (REFER TO Figure 5-19)(16)
T2.19.1
Pulse Width
100
ns
T2.19.2
Pulse Period
16
ms
AUTO-NEGOTIATION FAST LINK PULSE (FLP) TIMING (REFER TO Figure 5-20)(16)
T2.20.1
Clock, Data Pulse Width
100
ns
T2.20.2
Clock Pulse to Clock Pulse Period
125
µs
T2.20.3
Clock Pulse to Data Pulse Period
Data = 1
62
µs
T2.20.4
Burst Width
2
ms
T2.20.5
FLP Burst to FLP Burst Period
16
ms
100BASE-TX SIGNAL DETECT TIMING (REFER TO Figure 5-22)(17)
T2.21.1
SD Internal Turnon Time
1
ms
T2.21.2
SD Internal Turnoff Time
350
µs
100 Mb/s INTERNAL LOOPBACK TIMING (REFER TO Figure 5-22)(18)(19)
T2.22.1
TX_EN to RX_DV Loopback
100 Mb/s internal loopback mode
240
ns
10 Mb/s INTERNAL LOOPBACK TIMING (REFER TO Figure 5-23)(19)
T2.23.1
TX_EN to RX_DV Loopback
10 Mb/s internal loopback mode
2
µs
RMII TRANSMIT TIMING (REFER TO Figure 5-24)
T2.24.1
X1 Clock Period
50-MHz Reference Clock
20
ns
T2.24.2
TXD[1:0], TX_EN, Data Setup to X1 rising
4
ns
T2.24.3
TXD[1:0], TX_EN, Data Hold from X1 rising
2
ns
T2.24.4
X1 Clock to PMD Output Pair Latency
From X1 Rising edge to first bit of symbol
17
bits
RMII RECEIVE TIMING (REFER TO Figure 5-25)(20)(21)(22)(23)(24)(25)
T2.25.1
X1 Clock Period
50-MHz Reference Clock
20
ns
RXD[1:0], CRS_DV, RX_DV, and RX_ER output
T2.25.2
2
14
ns
delay from X1 rising
From JK symbol on PMD Receive Pair to initial assertion
T2.25.3
CRS ON delay
18.5
bits
of CRS_DV
From TR symbol on PMD Receive Pair to initial
T2.25.4
CRS OFF delay
27
bits
deassertion of CRS_DV
From symbol on Receive Pair. Elasticity buffer set to
T2.25.5
RXD[1:0] and RX_ER latency
38
bits
default value (01)
(16) These specifications represent transmit timings.
(17) The signal amplitude on PMD Input Pair must be TP-PMD compliant.
(18) Due to the nature of the descrambler function, all 100BASE-TX Loopback modes will cause an initial “dead-time” of up to 550 µs during
which time no data will be present at the receive MII outputs. The 100BASE-TX timing specified is based on device delays after the
initial 550 µs “dead-time”.
(19) Measurement is made from the first rising edge of TX_CLK after assertion of TX_EN.
(20) Per the RMII Specification, output delays assume a 25-pF load.
(21) CRS_DV is asserted asynchronously in order to minimize latency of control signals through the Phy. CRS_DV may toggle
synchronously at the end of the packet to indicate CRS deassertion.
(22) RX_DV is synchronous to X1. While not part of the RMII specification, this signal is provided to simplify recovery of receive data.
(23) CRS ON delay is measured from the first bit of the JK symbol on the PMD Input Pair to initial assertion of CRS_DV.
(24) CRS OFF delay is measured from the first bit of the TR symbol on the PMD Input Pair to initial deassertion of CRS_DV.
(25) Receive Latency is measured from the first bit of the symbol pair on the PMD Input Pair. Typical values are with the Elasticity Buffer set
to the default value (01).
Copyright © 2008–2015, Texas Instruments Incorporated
Specifications
13
Submit Documentation Feedback
Product Folder Links: DP83848H DP83848J DP83848K DP83848M DP83848T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com