Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848JSQ/NOPB Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848JSQ/NOPB
Description  MII Serial Management Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848JSQ/NOPB Datasheet(HTML) 35 Page - Texas Instruments

Back Button DP83848JSQ/NOPB Datasheet HTML 31Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 32Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 33Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 34Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 35Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 36Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 37Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 38Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 84 page
background image
MDC
MDIO
0
0
0
1
1
1 1
0 0
0 0 0 0 0
(STA)
Idle
Start
Opcode
(Write)
PHY Address
(PHYAD = 0Ch)
Register Address
(00h = BMCR)
TA
Register Data
Z
0 0 0
0 0 0
0 0 0 0 0 0 0 0 Z
Idle
1
0 0
0
Z
Z
DP83848H, DP83848J, DP83848K, DP83848M, DP83848T
www.ti.com
SNLS250E – MAY 2008 – REVISED APRIL 2015
Figure 6-3. Typical MDC/MDIO Write Operation
6.4.3.3
Serial Management Preamble Suppression
The DP83848x supports a Preamble Suppression mode as indicated by a one in bit 6 of the Basic Mode
Status Register (BMSR, address 01h.) If the station management entity (that is, MAC or other
management controller) determines that all PHYs in the system support Preamble Suppression by
returning a one in this bit, then the station management entity need not generate preamble for each
management transaction.
The DP83848x requires a single initialization sequence of 32 bits of preamble following hardware/software
reset. This requirement is generally met by the mandatory pullup resistor on MDIO in conjunction with a
continuous MDC, or the management access made to determine whether Preamble Suppression is
supported.
While the DP83848x requires an initial preamble sequence of 32 bits for management initialization, it does
not require a full 32-bit sequence between each subsequent transaction. A minimum of one idle bit
between management transactions is required as specified in the IEEE 802.3 specification.
6.4.4
PHY Address
The 5 PHY address inputs pins are shared with the RXD[3:0] pins and COL pin as shown in Table 6-5.
Table 6-5. PHY Address Mapping
PIN #
PHYAD FUNCTION
RXD FUNCTION
35
PHYAD0
COL
36
PHYAD1
RXD_0
37
PHYAD2
RXD_1
38
PHYAD3
RXD_2
39
PHYAD4
RXD_3
The DP83848x can be set to respond to any of 32 possible PHY addresses through strap pins. The
information is latched into the PHYCR register (address 19h, bits [4:0]) at device power up and hardware
reset. The PHY Address pins are shared with the RXD and COL pins. Each DP83848x or port sharing an
MDIO bus in a system must have a unique physical address.
The DP83848x supports PHY Address strapping values 0 (<00000>) through 31 (<11111>). Strapping
PHY Address 0 puts the part into Isolate Mode. It should also be noted that selecting PHY Address 0
through an MDIO write to PHYCR will not put the device in Isolate Mode. See Section 6.4.4.1 for more
information.
For further detail relating to the latch-in timing requirements of the PHY Address pins, as well as the other
hardware configuration pins, refer to the Reset summary in Section 6.4.6.
Because the PHYAD[0] pin has weak internal pullup resistor and PHYAD[4:1] pins have weak internal
pulldown resistors, the default setting for the PHY address is 00001 (01h).
Refer to Figure 6-4 for an example of a PHYAD connection to external components. In this example, the
PHYAD strapping results in address 00011 (03h).
Copyright © 2008–2015, Texas Instruments Incorporated
Detailed Description
35
Submit Documentation Feedback
Product Folder Links: DP83848H DP83848J DP83848K DP83848M DP83848T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com