Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848JSQ/NOPB Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848JSQ/NOPB
Description  MII Serial Management Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848JSQ/NOPB Datasheet(HTML) 27 Page - Texas Instruments

Back Button DP83848JSQ/NOPB Datasheet HTML 23Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 24Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 25Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 26Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 27Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 28Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 29Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 30Page - Texas Instruments DP83848JSQ/NOPB Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 84 page
background image
DP83848H, DP83848J, DP83848K, DP83848M, DP83848T
www.ti.com
SNLS250E – MAY 2008 – REVISED APRIL 2015
6.3
Feature Description
This section includes information on the various configurable features available with the DP83848x. The
configurations features described below include:
•
Auto-Negotiation
•
Auto-MDIX
•
LED Interface
•
Internal Loopback
•
BIST
•
Energy Detect Mode
6.3.1
Auto-Negotiation
The Auto-Negotiation function provides a mechanism for exchanging configuration information between
two ends of a link segment and automatically selecting the highest performance mode of operation
supported by both devices. Fast Link Pulse (FLP) Bursts provide the signaling used to communicate Auto-
Negotiation abilities between two devices at each end of a link segment. For further detail regarding Auto-
Negotiation, refer to Clause 28 of the IEEE 802.3 specification. The DP83848x supports four different
Ethernet protocols (10 Mb/s Half Duplex, 10 Mb/s Full Duplex, 100 Mb/s Half Duplex, and 100 Mb/s Full
Duplex), so the inclusion of Auto-Negotiation ensures that the highest performance protocol will be
selected based on the advertised ability of the Link Partner. In DP83848x, the Auto-Negotiation function
can be controlled either by internal register access or by the use of AN0 and AN1 pins.
6.3.1.1
Auto-Negotiation Pin Control
The state of AN0 and AN1 pins determine the specific mode advertised by the device as given in Table 6-
1. The state of AN0 and AN1 pins, upon power up/reset, determines the state of bits [8:5] of the ANAR
register.
The Auto-Negotiation function selected at power up or reset can be changed at any time by writing to the
Basic Mode Control Register (BMCR) at address 0x00h.
Table 6-1. Auto-Negotiation Modes in DP83848x
AN1
AN0
ADVERTISED MODE
0
0
10BASE-T, Half/Full-Duplex
0
1
100BASE-TX, Half/Full-Duplex
1
0
10BASE-T, Half-Duplex
100BASE-TX, Half-Duplex
1
1
10BASE-T, Half/Full-Duplex
100BASE-TX, Half/Full-Duplex
6.3.1.2
Auto-Negotiation Register Control
When Auto-Negotiation is enabled, the DP83848x transmits the abilities programmed into the Auto-
Negotiation Advertisement register (ANAR) at address 04h through FLP Bursts. Any combination of 10
Mb/s, 100 Mb/s, Half-Duplex, and Full Duplex modes may be selected.
Auto-Negotiation Priority Resolution:
1. 100BASE-TX Full Duplex (Highest Priority)
2. 100BASE-TX Half Duplex
3. 10BASE-T Full Duplex
4. 10BASE-T Half Duplex (Lowest Priority)
Copyright © 2008–2015, Texas Instruments Incorporated
Detailed Description
27
Submit Documentation Feedback
Product Folder Links: DP83848H DP83848J DP83848K DP83848M DP83848T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com