Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87393 Datasheet(PDF) 104 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87393
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87393 Datasheet(HTML) 104 Page - National Semiconductor (TI)

Back Button PC87393 Datasheet HTML 100Page - National Semiconductor (TI) PC87393 Datasheet HTML 101Page - National Semiconductor (TI) PC87393 Datasheet HTML 102Page - National Semiconductor (TI) PC87393 Datasheet HTML 103Page - National Semiconductor (TI) PC87393 Datasheet HTML 104Page - National Semiconductor (TI) PC87393 Datasheet HTML 105Page - National Semiconductor (TI) PC87393 Datasheet HTML 106Page - National Semiconductor (TI) PC87393 Datasheet HTML 107Page - National Semiconductor (TI) PC87393 Datasheet HTML 108Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 148 page
background image
6.0 Musical Instrument Digital Interface (MIDI) Port (Continued)
104
www.national.com
6.3.6
MIDI Control Register (MCNTL)
This register controls enhanced MIDI functions.
Location:
Offset 02h
Type:
R/W
Bit
76543210
Name
Loopback
Mode
Enable
MIDI Thru
Enable
Reserved
Pass-Thru
Transmit
Enable
Rx Data
Ready
Interrupt
Enable
MDTX Pin
Masking
Enable
Tx Buffer
Empty
Interrupt
Enable
Rx FIFO
Enable for
Pass-Thru
Mode
Reset
00001001
Required
0
Bit
Description
7
Loopback Mode Enable. When enabled, the MIDI receive signal is internally connected to the MIDI transmit
signal.
0: Disabled (default)
1: Enabled
6
MIDI Thru Enable. When enabled, the MDRX pin is internally connected to the MDTX pin, which then reflects
the MIDI receive signal. When disabled, the MDTX pin is driven with data coming from the MIDI Port transmit
engine.
0: Disabled (default)
1: Enabled
5
Reserved. Must be 0.
4
Pass-Thru Transmit Enable. When enabled, data is transmitted in Pass-Thru (non-UART) mode.
0: Disabled (default)
1: Enabled
3
Rx Data Ready Interrupt Enable. When enabled, an interrupt request is asserted in response to a Receive
Data Ready event.
0: Disabled
1: Enabled (default)
2
MDTX Pin Masking Enable. When enabled, the MDTX pin is constantly driven high by the MIDI Port. When
disabled, MDTX serves as the MIDI Port transmit line.
0: Disabled (default)
1: Enabled
1
Tx Buffer Empty Interrupt Enable. When enabled, an interrupt request is asserted in response to a Transmit
Buffer Empty event.
0: Disabled (default)
1: Enabled
0
Rx FIFO Enable for Pass-Thru Mode. When this bit is set to 1, the Receive FIFO is enabled in Pass-Thru
mode. This bit is ignored in UART mode.
0: Disabled
1: Enabled (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com