Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87393 Datasheet(PDF) 108 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87393
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87393 Datasheet(HTML) 108 Page - National Semiconductor (TI)

Back Button PC87393 Datasheet HTML 104Page - National Semiconductor (TI) PC87393 Datasheet HTML 105Page - National Semiconductor (TI) PC87393 Datasheet HTML 106Page - National Semiconductor (TI) PC87393 Datasheet HTML 107Page - National Semiconductor (TI) PC87393 Datasheet HTML 108Page - National Semiconductor (TI) PC87393 Datasheet HTML 109Page - National Semiconductor (TI) PC87393 Datasheet HTML 110Page - National Semiconductor (TI) PC87393 Datasheet HTML 111Page - National Semiconductor (TI) PC87393 Datasheet HTML 112Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 148 page
background image
7.0 X-Bus Extension (Continued)
108
www.national.com
Figure 23. LPC to X-Bus Address Translation: Legacy and Extended Legacy BIOS Ranges
7.3.3
Extended Read/Write Signal Mode
This mode is essential for devices that have separate read and write signals for memory transactions and for I/O transac-
tions. While in this mode, the PC8739x routes I/O read and write signals to XIORD and XIOWR pins, and memory or FWH
read and write signals to XRD and XWR.
If the PC8739x is set to wake-up with the X-Bus signals configured to output pins (using strap pins XCNF2-0), the extended
mode is disabled, and must be re-enabled by the user.
7.3.4
Indirect Memory Read and Write Transaction
I/O mapped registers may be used through an LPC I/O transaction to perform an X-Bus memory transaction. This mecha-
nism uses the following X-Bus module registers:
q
Four Indirect Memory Address registers, XIMA3-XIMA0, representing address bits 31 to 0
q
One Indirect Memory Data register (XIMD), representing data bits 7 to 0
q
Two enable bits, one for each Select Configuration register, XZCNF0[5] and XZCNF1[5].
Following a write to the XIMD register, a memory write cycle appears on the X-Bus using the addresses and data from the
XIMA3-XIMA0 and XIMD registers. Following a read from the XIMD register, a memory read cycle appears on the X-Bus
using the addresses from these same registers. The returned data from the X-Bus cycle is used to finish the LPC I/O read
cycle from XIMD register.
The read or write cycles appear only if one of the Indirect Memory Cycle Enable bits (XZCNF0[5] or XZCNF1[5]) is set. If
both of these bits are set, select 1 is ignored and the transaction takes place according to select 0 settings. All X-Bus cycle
configurations are the same as defined in the X-Bus Select Configuration registers (XZCNF0 and XZCNF1).
7.3.5
Normal Address Mode X-Bus Transactions
The read and write transactions in Normal address mode are similar to those used in the X-Bus or ISA bus. At least two idle
cycles are inserted at the end of each X-Bus transaction cycle (there may be more idle cycles due to the LPC transactions).
Once a read cycle on the LPC falls within the range of any of the enabled decoded address ranges of the X-Bus functional
block, a read cycle begins. A read cycle (Figure 24) starts by outputting the address signals on address signals XA19-0 on
the rising edge of the clock. During this time, the PC8739x does not drive the data bus signals XD7-0. One LPC clock cycle
later, a chip select signal XCS1 or 0 is asserted, based on the address accessed and the select signal mapping. Three clock
cycles later, on the next rising edge of the clock, the XRD signal is asserted (set to 0) indicating that this is a read cycle and
enabling the device being accessed to drive the data bus within 16 clock cycles plus the internally programmed wait state
period. If XRDY use is enabled for this zone, XRDY input value is then checked on the rising edge of the clock, and the trans-
action is extended until XRDY is detected to be high. Four clock cycles later, the input data XD7-0 is sampled on the rising
edge of the clock. One LPC clock cycle later, XRD is de-asserted (set to 1) and one clock cycle later, the transaction is com-
pleted by de-asserting XCS1-0. The address is retained for the duration of two more cycles, after which the address lines
change their values to 0.
LPC Bus Address
FFFFFFFFh
xFFFFFFFh
X-Bus Address
000FFFFFh
xFFE0000h
00000000h
000F0000h
000EFFFFh
000E0000h
Legacy BIOS
Extended
Legacy BIOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com