Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87393 Datasheet(PDF) 134 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87393
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87393 Datasheet(HTML) 134 Page - National Semiconductor (TI)

Back Button PC87393 Datasheet HTML 130Page - National Semiconductor (TI) PC87393 Datasheet HTML 131Page - National Semiconductor (TI) PC87393 Datasheet HTML 132Page - National Semiconductor (TI) PC87393 Datasheet HTML 133Page - National Semiconductor (TI) PC87393 Datasheet HTML 134Page - National Semiconductor (TI) PC87393 Datasheet HTML 135Page - National Semiconductor (TI) PC87393 Datasheet HTML 136Page - National Semiconductor (TI) PC87393 Datasheet HTML 137Page - National Semiconductor (TI) PC87393 Datasheet HTML 138Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 148 page
background image
8.0 Legacy Functional Blocks (Continued)
134
www.national.com
Table 53. Bank 7 Bitmap
Register
Bits
Offset
Mnemonic
76543210
00h
IRRXDC
DBW (2-0)
DFR (4-0)
01h
IRTXMC
MCPW (2-0)
MCFR (4-0)
02h
RCCFG
R_LEN
T_OV
RXHSC
RCDM_DS
Reserved
TXHSC
RC_MND1
RC_MMD0
03h
LCR/BSR
Same as Bank 0
04h
IRCFG1
STRV_MS
SIRC (2-0)
IRID3
IRIC (2-0)
05h
Reserved
06h
IRCFG3
Reserved
RCH (2-0)
Reserved
RCLC (2-0)
07h
IRCFG4
AMCFG
Reserved
IRSL0_DS
RXINV
IRSL21_DS
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com