Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87393 Datasheet(PDF) 137 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87393
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87393 Datasheet(HTML) 137 Page - National Semiconductor (TI)

Back Button PC87393 Datasheet HTML 133Page - National Semiconductor (TI) PC87393 Datasheet HTML 134Page - National Semiconductor (TI) PC87393 Datasheet HTML 135Page - National Semiconductor (TI) PC87393 Datasheet HTML 136Page - National Semiconductor (TI) PC87393 Datasheet HTML 137Page - National Semiconductor (TI) PC87393 Datasheet HTML 138Page - National Semiconductor (TI) PC87393 Datasheet HTML 139Page - National Semiconductor (TI) PC87393 Datasheet HTML 140Page - National Semiconductor (TI) PC87393 Datasheet HTML 141Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 148 page
background image
9.0 Device Characteristics (Continued)
137
www.national.com
9.2.5
Input, TTL Compatible with Schmitt Trigger
Symbol: INTS
9.2.6
Output, PCI 3.3V
Symbol: OPCI
9.2.7
Output, Totem-Pole Buffer
Symbol: Op/n
Output, Totem-Pole buffer that is capable of sourcing
p mA and sinking n mA
9.2.8
Output, Open-Drain Buffer
Symbol: ODn
Output, Open-Drain output buffer, capable of sinking
n mA. Output from these signals is open-drain and cannot be forced high.
9.2.9
Exceptions
1. All pins are back-drive protected, except for the output pins with PCI Buffer Type.
2. The following pins have a PU220 internal pull-up resistor and therefore have input leakage current to VDD: ACK,
AFD_DSTRB, ERR, INIT, PE, SLIN_ASTRB, STB_WRITE.
3. The following pins have a PU25 internal pull-up resistor and therefore have input leakage current to VDD: GPIO40-47,
GPIO30-37, GPIO20-27, GPIO10-17, GPIO00-07.
4. The following pins have a PD120 internal pull-down resistor and therefore have input leakage current to GND:
BUSY_WAIT, PE, SLCT.
5. Output from SLCT, BUSY_WAIT (and PE if bit 2 of PP Confg0 Register is 0) is open-drain in all SPP modes, except in
SPP Compatible mode when the setup mode is ECP-based FIFO and bit 4 of the Control2 parallel port register is 1.
Otherwise, output from these signals is level 2. External 4.7 K
Ω pull-up resistors should be used.
Symbol
Parameter
Conditions
Min
Max
Unit
VIH
Input High Voltage
2.0
5.51
1. Not tested. Guaranteed by design.
V
VIL
Input Low Voltage
−0.5 1
0.8
V
IIL
Input Leakage Current
VIN =VDD
10
µA
VIN =VSS
−10
µA
VH
Input Hysteresis
250
mV
Symbol
Parameter
Conditions
Min
Max
Unit
VOH
Output High Voltage
lout = -500 µA
0.9VDD
V
VOL
Output Low Voltage
lout =1500 µA
0.1 VDD
V
Symbol
Parameter
Conditions
Min
Max
Unit
VOH
Output High Voltage
IOH = −p mA
2.4
V
VOL
Output Low Voltage
IOL = n mA
0.4
V
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
Output Low Voltage
IOL = n mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com