Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3530 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM3530
Description  High-Efficiency White-LED Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3530 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3530 Datasheet HTML 17Page - Texas Instruments LM3530 Datasheet HTML 18Page - Texas Instruments LM3530 Datasheet HTML 19Page - Texas Instruments LM3530 Datasheet HTML 20Page - Texas Instruments LM3530 Datasheet HTML 21Page - Texas Instruments LM3530 Datasheet HTML 22Page - Texas Instruments LM3530 Datasheet HTML 23Page - Texas Instruments LM3530 Datasheet HTML 24Page - Texas Instruments LM3530 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
LM3530
www.ti.com
SNVS606L – JUNE 2009 – REVISED DECEMBER 2014
Table 3. ILED vs. Brightness Register Data (Linear Mapping) (continued)
BRT DATA
% FULL-
BRT DATA
% OF FULL-
BRT DATA
% OF
BRT DATA (HEX)
% OF FULL-SCALE
(HEX)
SCALE
(HEX)
SCALE
(HEX)
FULL-
CURRENT (LINEAR)
CURREN
CURRENT
SCALE
T
(LINEAR)
CURRE
(LINEAR)
NT
(LINEA
R)
0x13
15.63%
0x33
40.63%
0x53
65.63%
0x73
90.63%
0x14
16.41%
0x34
41.41%
0x54
66.41%
0x74
91.41%
0x15
17.19%
0x35
42.19%
0x55
67.19%
0x75
92.19%
0x16
17.97%
0x36
42.97%
0x56
67.97%
0x76
92.97%
0x17
18.76%
0x37
43.75%
0x57
68.75%
0x77
93.75%
0x18
19.54%
0x38
44.53%
0x58
69.53%
0x78
94.53%
0x19
20.32%
0x39
45.32%
0x59
70.39%
0x79
95.31%
0x1A
21.10%
0x3A
46.10%
0x5A
71.10%
0x7A
96.09%
0x1B
21.88%
0x3B
46.88%
0x5B
71.88%
0x7B
96.88%
0x1C
22.66%
0x3C
47.66%
0x5C
72.66%
0x7C
97.66%
0x1D
23.44%
0x3D
48.44%
0x5D
73.44%
0x7D
98.44%
0x1E
24.22%
0x3E
49.22%
0x5E
74.22%
0x7E
99.22%
0x1F
25.00%
0x3F
50.00%
0x5F
75.00%
0x7F
100.00%
NOTE
When determining the LED current from (Table 2 and Table 3 ) there is a typical offset of
113 µA with a ±300-µA variation that must be added to the calculated value for codes
0x0A and below. For example, in linear mode with IFULL_SCALE = 19 mA and brightness
code 0x09 chosen, the nominal current setting is 0.0782 × 19 mA = 1.4858 mA. Adding in
the 113-µA typical offset gives 1.4858 mA + 0.113 mA = 1.5988 mA. With the typical
±300-µA range, the high and low currents can be ILOW = 1.2988 mA, IHIGH = 1.8988 mA.
For exponential mode with codes 0x0A and below, this offset and variation error gets
divided down by 10 (11.3 µA offset with ±30-µA typical range).
8.3.13 Simple Enable Disable With PWM Current Control
With bits [7 and 5] of the General Configuration Register set to ‘1’ the PWM input is enabled as a simple
enable/disable. The simple enable/disable feature operates as described in Figure 36. In this mode, when the
PWM input is held high (PWM Polarity bit = 0) for > 2 ms the LM3530 will turn on the LED current at the
programmed Full-Scale Current × % of Full-Scale Current as set by the code in the Brightness Control Register.
When the PWM input is held low for > 2 ms the device will shut down. With the PWM Polarity bit = 1 the PWM
input is configured for active low operation. In this configuration holding PWM low for > 2 ms will turn on the
device at the programmed Full-Scale Current × % of Full-Scale Current as set by the code in the Brightness
Control Register. Likewise, holding PWM high for > 2 ms will put the device in shutdown.
Driving the PWM input with a pulsed waveform at a variable duty cycle is also possible in simple enable/Disable
mode, so long as the low pulse width is < 2 ms. When a PWM signal is used in this mode the input duty cycle
information is internally filtered, and an analog voltage is used to control the LED current. This type of PWM
control (PWM to Analog current control) prevents large voltage excursions across the output capacitor that can
result in audible noise. Simple Enable/Disable mode can be useful since the default bit setting for the General
Configuration Register is 0xCC (Simple Enable bit = 1, PWM Enable = 1, and Full-Scale Current = 19mA).
Additionally, the default Brightness Register setting is 0x7F (100% of Full-Scale current). This gives the LM3530
the ability to turn on after power up (or after reset) without having to do any writes to the I2C-compatible bus.
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com