Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3530 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM3530
Description  High-Efficiency White-LED Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3530 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3530 Datasheet HTML 7Page - Texas Instruments LM3530 Datasheet HTML 8Page - Texas Instruments LM3530 Datasheet HTML 9Page - Texas Instruments LM3530 Datasheet HTML 10Page - Texas Instruments LM3530 Datasheet HTML 11Page - Texas Instruments LM3530 Datasheet HTML 12Page - Texas Instruments LM3530 Datasheet HTML 13Page - Texas Instruments LM3530 Datasheet HTML 14Page - Texas Instruments LM3530 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
I
2C/CONTROL
¦
gm
R
S
R
R
R
R
Osc/
Ramp
Thermal
shutdown
Light
Load
OVP
Over
Current
Protection
RZ
CC
Driver
SOFT START
HWEN
SCL
SDA
ILED
IN
OVP
SW
400mV
+
-
ERROR
AMP
BRT
Register
ALS Select
1
0
7 bits
7 bits
LED Ramp
Rate Control
3 bits
Ramp Rate
Increasing
7 bits
DAC
Active Zone
Target
Register
7 bits
Dig Code
3 bits
Ramp Rate
Decreasing
Full Scale
Current
1bit
Mapping Mode Select Bit
(0 = Exponental, 1 = Linear)
Full Scale Current
Select Bits
LPF
PWM
EN_PWM bit
PWM Polarity Bit
(0 = active high, 1 =
active low)
Note 1
Note 2
Note 3
PWM
D
CODE
A
)
30
5
(
mA
mA -
FS
I
GND
ADC
Zone Boundaries
X 4
8 bits
Averager/
Discriminator
Zone Targets X 5
7 bits
ALS2 Resistor
Select (4 Bits)
ALS1
ALS2
ALS1 Resistor
Select (4 Bits)
ALS Input Select
40V
250m:
140C
INT
Zone Change
Flag
Zone Change
Flag
Current Control
Boost Control
For EN_PWM bit = 1
ILED = IFS
ACODE
DPWM
For EN_PWM bit = 0
Note 3:
ILED = IFS
ACODE
DPWM Is a Scaler between 0 and 1 and corresponds to the duty cycle of the PWM input signal
Note 2:
ACODE Is a Scaler between 0 and 1 based on the Brightness Data or Zone Target Data Depending on the ALS Select Bit
Note 1:
x
x
x
LM3530
www.ti.com
SNVS606L – JUNE 2009 – REVISED DECEMBER 2014
8 Detailed Description
8.1 Overview
The LM3530 utilizes an asynchronous step-up, current mode, PWM controller and regulated current sink to
provide an efficient and accurate LED current for white LED bias. The device powers a single series string of
LEDs with output voltages of up to 40 V and a peak inductor current of typically 839 mA. The input active voltage
range is from 2.7 V to 5.5 V.
8.2 Functional Block Diagram
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com