Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3530 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM3530
Description  High-Efficiency White-LED Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3530 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3530 Datasheet HTML 13Page - Texas Instruments LM3530 Datasheet HTML 14Page - Texas Instruments LM3530 Datasheet HTML 15Page - Texas Instruments LM3530 Datasheet HTML 16Page - Texas Instruments LM3530 Datasheet HTML 17Page - Texas Instruments LM3530 Datasheet HTML 18Page - Texas Instruments LM3530 Datasheet HTML 19Page - Texas Instruments LM3530 Datasheet HTML 20Page - Texas Instruments LM3530 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
LED Driver
BRT
Register
ALS Select
1
0
VOUT
7 bits
7 bits
LED Ramp
Rate Control
3 bits
Ramp Rate
Increasing
7 bits
DAC
Active Zone
Target
Register
7 bits
Dig Code
3 bits
Ramp Rate
Decreasing
Full Scale
Current
1bit
Mapping Mode Select Bit
(0 = Exponental, 1 = Linear)
Full Scale Current Select Bits
LPF
PWM
EN_PWM bit
3 bits
PWM Polarity Bit
(0 = active high,
1 = active low)
Note 1
Note 2
Note 3
For EN_PWM bit = 1
ILED = IFS
ACODE
DPWM
For EN_PWM bit = 0
Note 3:
ILED = IFS
ACODE
DPWM Is a Scaler between 0 and 1 and corresponds to the duty cycle of the PWM input signal
Note 2:
ACODE Is a Scaler between 0 and 1 based on the Brightness Data or Zone Target Data Depending on the ALS Select Bit
Note 1:
LED
I
PWM
D
CODE
A
x
x
x
)
30
5
(
mA
mA -
FS
I
LM3530
www.ti.com
SNVS606L – JUNE 2009 – REVISED DECEMBER 2014
8.3.9 LED Current Control
The LED current is is a function of the Full Scale Current, the Brightness Code, and the PWM input duty cycle.
The Brightness Code can either come from the BRT Register (0xA0) in I2C-Compatible Current Control, or from
the ALS Zone Target Registers (Address 0x70-0x74) in Ambient Light Current Control. Figure 33 shows the
current control block diagram.
Figure 33. Current Control Block Diagram
8.3.10 Exponential or Linear Brightness Mapping Modes
With bit [1] of the General Configuration Register set to 0 (default) exponential mapping is selected and the code
in the Brightness Control Register corresponds to the Full-Scale LED current percentages in Table 2 and
Figure 34. With bit [1] set to 1 linear mapping is selected and the code in the Brightness Control Register
corresponds to the Full-Scale LED current percentages in Table 3 and Figure 35.
8.3.11 PWM Input Polarity
Bit [6] of the General Configuration Register controls the PWM input polarity. Setting this bit to 0 (default) selects
positive polarity and makes the LED current (with PWM mode enabled) a function of the positive duty cycle at
PWM. With this bit set to ‘0’ the LED current (with PWM mode enabled) becomes a function of the negative duty
cycle at PWM.
The PWM input is a logic level input with a frequency range of 400 Hz to 50 kHz. Internal filtering of the PWM
input signal converts the duty cycle information to an average (analog) control signal which directly controls the
LED current.
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM3530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com