Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3530 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LM3530
Description  High-Efficiency White-LED Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3530 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM3530 Datasheet HTML 18Page - Texas Instruments LM3530 Datasheet HTML 19Page - Texas Instruments LM3530 Datasheet HTML 20Page - Texas Instruments LM3530 Datasheet HTML 21Page - Texas Instruments LM3530 Datasheet HTML 22Page - Texas Instruments LM3530 Datasheet HTML 23Page - Texas Instruments LM3530 Datasheet HTML 24Page - Texas Instruments LM3530 Datasheet HTML 25Page - Texas Instruments LM3530 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
.
0.73 mA
|
x 0.4
9.65
19 mA
D
BRT
x
=
x
x
_
I
I
FS
LED
LED =
.
7.6 mA
|
x 0.4
.00
1
19 mA
D
BRT
x
=
x
x
_
I
I
FS
LED
LED =
.
19 mA
|
%
x 100
.00
1
19 mA
D
BRT
x
=
x
x
_
I
I
FS
LED
LED =
t > tPWM_HIGH(MAX)
t < tPWM_HIGH(MIN)
t < tPWM_LOW(MIN)
t > tPWM_LOW(MAX)
LM3530
SNVS606L – JUNE 2009 – REVISED DECEMBER 2014
www.ti.com
Figure 36. Simple Enable/Disable Timing
Example: Simple Enable Disable with PWM Current Control):
As an example, assume that the HWEN input is toggled low then high. This resets the LM3530 and sets all the
registers to their default value. When the PWM input is then pulled high for > 2 ms the LED current becomes:
where
•
BRT is the % of ILED_FS as set in the Brightness Control Register.
(4)
If then the PWM input is fed with a 5-kHz pulsed waveform at 40% duty cycle the LED current becomes:
(5)
Then, if the Brightness Control Register is loaded with 0x55 (9.6% of Full-Scale Current) the LED current
becomes:
(6)
8.3.14 Ambient Light Current Control
With bits [4:3] of the ALS Configuration Register both set to 1, the LM3530 is configured for Ambient Light
Current Control. In this mode the ambient light sensing inputs (ALS1, and/or ALS2) monitor the outputs of analog
output ambient light sensing photo diodes and adjust the LED current depending on the ambient light. The
ambient light sensing circuit has 4 configurable Ambient Light Boundaries (ZB0 – ZB3) programmed through the
four (8-bit) Zone Boundary Registers. These zone boundaries define 5 ambient brightness zones (Figure 27).
Each zone corresponds to a programmable brightness setting which is programmable through the 5 Zone Target
Registers (Z0T – Z4T). When the ALS1, and/or ALS2 input (depending on the bit settings of the ALS Input Select
bits) detects that the ambient light has crossed to a new zone (as defined by one of the Zone Boundary
Registers) the LED current becomes a function of the Brightness Code loaded in the Zone Target Register which
corresponds to the new ambient light brightness zone.
On start-up the 4 Zone Boundary Registers are pre-loaded with 0x33 (51d), 0x66 (102d), 0x99 (153d), and 0xCC
(204d). Each ALS input has a 1-V active input voltage range with a 4mV offset voltage which makes the default
Zone Boundaries set at:
Zone Boundary 0 = 1V × 51/255 + 4 mV = 204 mV
Zone Boundary 1 = 1V × 102/255 + 4 mV = 404 mV
Zone Boundary 2 = 1V × 153/255 + 4 mV = 604 mV
Zone Boundary 3 = 1V × 204/255 + 4 mV = 804 mV
These Zone Boundary Registers are all 8-bit (readable and writable) registers. The first zone (Z0) is defined
between 0 and 204 mV, the Z1 default is defined between 204 mV and 404 mV, the Z2 default is defined
between 404 mV and 604 mV, the Z3 default is defined between 604 mV and 804 mV, and the Z4 default is
defined between 804 mV and 1.004 V. The default settings for the 5 Zone Target Registers are 0x19, 0x33,
0x4C, 0x66, and 0x7F. This corresponds to LED brightness settings of 0.336%, 1.43%, 5.781%, 24.844%, and
100% of full-scale current respectively (assuming exponential backlight mapping).
Example: Ambient Light Control Current:
22
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: LM3530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com