Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3530 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # LM3530
Description  High-Efficiency White-LED Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3530 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LM3530 Datasheet HTML 35Page - Texas Instruments LM3530 Datasheet HTML 36Page - Texas Instruments LM3530 Datasheet HTML 37Page - Texas Instruments LM3530 Datasheet HTML 38Page - Texas Instruments LM3530 Datasheet HTML 39Page - Texas Instruments LM3530 Datasheet HTML 40Page - Texas Instruments LM3530 Datasheet HTML 41Page - Texas Instruments LM3530 Datasheet HTML 42Page - Texas Instruments LM3530 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
LM3530
www.ti.com
SNVS606L – JUNE 2009 – REVISED DECEMBER 2014
Layout Guidelines (continued)
The following lists the main (layout sensitive) areas of the LM3530 in order of decreasing importance:
•
Output Capacitor
–
Schottky Cathode to COUT+
–
COUT– to GND
•
Schottky Diode
–
SW Pin to Schottky Anode
–
Schottky Cathode to COUT+
•
Inductor
–
SW Node PCB capacitance to other traces
•
Input Capacitor
–
CIN+ to IN pin
–
CIN– to GND
11.1.1 Output Capacitor Placement
The output capacitor is in the path of the inductor current discharge path. As a result COUT detects a high current
step from 0 to IPEAK each time the switch turns off and the Schottky diode turns on. Any inductance along this
series path from the cathode of the diode through COUT and back into the LM3530 GND pin will contribute to
voltage spikes (VSPIKE = LP_ × dI/dt) at SW and OUT which can potentially overvoltage the SW pin, or feed
through to GND. To avoid this, COUT+ must be connected as close as possible to the Cathode of the Schottky
diode and COUT– must be connected as close as possible to the device GND bump. The best placement for COUT
is on the same layer as the LM3530 so as to avoid any vias that can add excessive series inductance (see
Figure 58, Figure 59, and Figure 60).
11.1.2 Schottky Diode Placement
The Schottky diode is in the path of the inductor current discharge. As a result the Schottky diode detects a high
current step from 0 to IPEAK each time the switch turns off and the diode turns on. Any inductance in series with
the diode will cause a voltage spike (VSPIKE = LP_ × dI/dt) at SW and OUT which can potentially overvoltage the
SW pin, or feed through to VOUT and through the output capacitor and into GND. Connecting the anode of the
diode as close as possible to the SW pin and the cathode of the diode as close as possible to COUT+ will reduce
the inductance (LP_) and minimize these voltage spikes (see Figure 58, Figure 59, and Figure 60 ).
11.1.3 Inductor Placement
The node where the inductor connects to the LM3530 SW bump has 2 issues. First, a large switched voltage (0
to VOUT + VF_SCHOTTKY) appears on this node every switching cycle. This switched voltage can be capacitively
coupled into nearby nodes. Second, there is a relatively large current (input current) on the traces connecting the
input supply to the inductor and connecting the inductor to the SW bump. Any resistance in this path can cause
large voltage drops that will negatively affect efficiency.
To reduce the capacitively coupled signal from SW into nearby traces, the SW bump to inductor connection must
be minimized in area. This limits the PCB capacitance from SW to other traces. Additionally, the other traces
need to be routed away from SW and not directly beneath. This is especially true for high impedance nodes that
are more susceptible to capacitive coupling such as (SCL, SDA, HWEN, PWM, and possibly ASL1 and ALS2). A
GND plane placed directly below SW will dramatically reduce the capacitive coupling from SW into nearby traces
To limit the trace resistance of the VBATT to inductor connection and from the inductor to SW connection, use
short, wide traces (see Figure 58, Figure 59, and Figure 60).
11.1.4 Input Capacitor Selection and Placement
The input bypass capacitor filters the inductor current ripple, and the internal MOSFET driver currents during turn
on of the power switch.
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: LM3530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com