Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3530 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3530
Description  High-Efficiency White-LED Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3530 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3530 Datasheet HTML 9Page - Texas Instruments LM3530 Datasheet HTML 10Page - Texas Instruments LM3530 Datasheet HTML 11Page - Texas Instruments LM3530 Datasheet HTML 12Page - Texas Instruments LM3530 Datasheet HTML 13Page - Texas Instruments LM3530 Datasheet HTML 14Page - Texas Instruments LM3530 Datasheet HTML 15Page - Texas Instruments LM3530 Datasheet HTML 16Page - Texas Instruments LM3530 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
Ambient Light (lux)
Vals_ref =
1V
ZB3
ZB0
ZB1
ZB2
Zone 0
Zone 4
Zone 3
Zone 2
Zone 1
LED Driver Input Code (0-127)
Full
Scale
Z0T
Z4T
Z3T
Z2T
Z1T
LM3530
www.ti.com
SNVS606L – JUNE 2009 – REVISED DECEMBER 2014
Feature Description (continued)
8.3.4 ALS Operation
The ambient light sensor input has a 0-V to 1-V operational input voltage range. LM3530 Typical Application
shows the LM3530 with dual ambient light sensors (AVAGO, APDS-9005) and the internal ALS Resistor Select
Register set to 0x44 (2.27 k
Ω). This circuit converts 0 to 1000 LUX light into approximately a 0-mV to 850-mV
linear output voltage. The voltage at the active ambient light sensor input (ALS1 or ALS2) is compared against
the 8 bit values programmed into the Zone Boundary Registers (ZB0-ZB3). When the ambient light sensor output
crosses one of the ZB0 – ZB3 programmed thresholds the internal ALS circuitry will smoothly transition the LED
current to the new 7 bit brightness level as programmed into the appropriate Zone Target Register (Z0T – Z4T)
(see Figure 27).
The ALS Configuration Register bits [6:5] programs which input is the active input, bits [4:3] control the on/off
state of the ALS circuitry, and bits [2:0] control the ALS input averaging time. Additionally, the ALS Information
Register is a read-only register which contains a flag (bit 3) which is set each time the active ALS input changes
to a new zone. This flag is reset when the register is read back. Bits [2:0] of this register contain the current
active zone information.
Figure 27. Ambient Light Input To Backlight Mapping
8.3.5 ALS Averaging Time
The ALS Averaging Time is the time over which the Averager block collects samples from the A/D converter and
then averages them to pass to the discriminator block (see Figure 26). Ambient light sensor samples are
averaged and then further processed by the discriminator block to provide rejection of noise and transient
signals. The averager is configurable with 8 different averaging times to provide varying amounts of noise and
transient rejection (see Table 5). The discriminator block algorithm has a maximum latency of two averaging
cycles; therefore, the averaging time selection determines the amount of delay that will exist between a steady-
state change in the ambient light conditions and the associated change of the backlight illumination. For
example, the A/D converter samples the ALS inputs at 16 kHz. If the averaging time is set to 1024 ms then the
Averager will send the updated zone information to the discriminator every 1024 ms. This zone information
contains the average of 16384 samples (1024 ms × 16 kHz). Due to the latency of 2 averaging cycles, the LED
current will not change until there has been a steady-state change in the ambient light for at least 2 averaging
periods.
8.3.5.1 Averager Operation
The magnitude and direction (either increasing or decreasing) of the Averager output is used to determine
whether the LM3530 should change brightness zones. The Averager block functions as follows:
1. First, the Averager always begins with a Zone 0 reading stored at start-up. If the main display LEDs are
active before the ALS block is enabled, it is recommended that the ALS Enable 1 bit is set to '1' at least 3
averaging periods before the ALS Enable 2 bit is set.
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com