Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3530 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3530
Description  High-Efficiency White-LED Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3530 Datasheet(HTML) 1 Page - Texas Instruments

  LM3530 Datasheet HTML 1Page - Texas Instruments LM3530 Datasheet HTML 2Page - Texas Instruments LM3530 Datasheet HTML 3Page - Texas Instruments LM3530 Datasheet HTML 4Page - Texas Instruments LM3530 Datasheet HTML 5Page - Texas Instruments LM3530 Datasheet HTML 6Page - Texas Instruments LM3530 Datasheet HTML 7Page - Texas Instruments LM3530 Datasheet HTML 8Page - Texas Instruments LM3530 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
SW
IN
OVP
ILED
SCL
SDA
GND
ALS1
CIN
LM3530
2.7V to 5.5V
Up to 40V
L
D1
ALS2
HWEN
VIN
VIN
Ambient Light
Sensor
Ambient Light
Sensor
INT
PWM
10 k:
VLOGIC
10 k:
10 k:
10 k:
COUT
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM3530
SNVS606L – JUNE 2009 – REVISED DECEMBER 2014
LM3530 High-Efficiency White-LED Driver with Programmable Ambient Light Sensing
Capability and I2C-Compatible Interface
1 Features
3 Description
The LM3530 current mode boost converter supplies
1
•
Drives up to 11 LEDs in series
the power and controls the current in up to 11 series
•
1000:1 Dimming Ratio
white LEDs. The 839-mA current limit and 2.7-V to
•
90% Efficient
5.5-V input voltage range make the device a versatile
backlight power source ideal for operation in portable
•
Programmable Dual Ambient Light Sensor Inputs
applications.
with Internal ALS Voltage Setting Resistors
•
I2C Programmable Logarithmic or Linear
The LED current is adjustable from 0 mA to 29.5 mA
via an I2C-compatible interface. The 127 different
Brightness Control
current steps and 8 different maximum LED current
•
External PWM Input for Simple Brightness
levels give over 1000 programmable LED current
Adjustment
levels.
Additionally,
PWM
brightness
control
is
•
True Shutdown Isolation for LEDs and Ambient
possible through an external logic level input.
Light Sensors
The device also features two Ambient Light Sensor
•
Internal Soft-Start Limits Inrush Current
inputs. These are designed to monitor analog output
•
Wide 2.7-V to 5.5-V Input Voltage Range
ambient light sensors and provide programmable
adjustment of the LED current with changes in
•
40-V and 25-V Overvoltage Protection Options
ambient light. Each ambient light sensor input has
•
500-kHz Fixed Frequency Operation
independently programmable internal voltage setting
•
839-mA Peak Current Limit
resistors which can be made high impedance to
reduce
power
during
shutdown.
The
500-kHz
2 Applications
switching
frequency
allows
for
high
converter
efficiency
over
a
wide
output
voltage
range
•
Smartphone LCD Backlighting
accommodating from 2 to 11 series LEDs. Finally, the
•
Personal Navigation LCD Backlighting
support of Content Adjusted Backlighting maximizes
•
2 to 11 Series White-LED Backlit Display Power
battery life while maintaining display image quality.
Source
The LM3530 operates over the
−40°C to 85°C
space
temperature range.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (MAX)
LM3530
DSBGA (12)
1.64 mm x 1.24 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM3530

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3530 NSC-LM3530 Datasheet
331Kb / 4P
High Efficiency White LED Driver with Programmable Ambient Light Sensing Capability and I2C Compatible Interface
More results

Similar Description - LM3530

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP1521_R2.7W ETC-MP1521_R2.7W Datasheet
171Kb / 2P
High Efficiency White LED Driver
logo
New Japan Radio
NJU6050 NJRC-NJU6050 Datasheet
108Kb / 8P
High Efficiency White LED Driver
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
High Efficiency White LED Driver
logo
ON Semiconductor
NCP5604A ONSEMI-NCP5604A Datasheet
359Kb / 15P
High Efficiency White LED Driver
March, 2006 ??Rev. 0
logo
Monolithic Power System...
EV0021 MPS-EV0021 Datasheet
200Kb / 4P
MP1521 High Efficiency White LED Driver
MP1521 MPS-MP1521 Datasheet
170Kb / 8P
High Efficiency White LED Driver
logo
ON Semiconductor
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
High Efficiency White LED Driver
May, 2009 ??Rev. 0
logo
Diodes Incorporated
AP3152FG-7 DIODES-AP3152FG-7 Datasheet
601Kb / 13P
120mA HIGH EFFICIENCY WHITE LED DRIVER
Rev 3
logo
Texas Instruments
LM3699 TI1-LM3699 Datasheet
1Mb / 25P
High-Efficiency White LED Driver
logo
Diodes Incorporated
AP3154A DIODES-AP3154A_15 Datasheet
1Mb / 14P
120mA HIGH EFFICIENCY WHITE LED DRIVER
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com