Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3530 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM3530
Description  High-Efficiency White-LED Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3530 Datasheet(HTML) 3 Page - Texas Instruments

  LM3530 Datasheet HTML 1Page - Texas Instruments LM3530 Datasheet HTML 2Page - Texas Instruments LM3530 Datasheet HTML 3Page - Texas Instruments LM3530 Datasheet HTML 4Page - Texas Instruments LM3530 Datasheet HTML 5Page - Texas Instruments LM3530 Datasheet HTML 6Page - Texas Instruments LM3530 Datasheet HTML 7Page - Texas Instruments LM3530 Datasheet HTML 8Page - Texas Instruments LM3530 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
A1
A2
B1
B3
A3
C1
C3
D2
D1
D3
B2
C2
LM3530
www.ti.com
SNVS606L – JUNE 2009 – REVISED DECEMBER 2014
5 I
2C Device Options
ORDERABLE NUMBER
I2C DEVICE OPTION
LM3530TME-40
0x38
LM3530TMX-40
0x38
LM3530UME-25A
0x36
LM3530UME-40
0x38
LM3530UME-40B
0x39
LM3530UMX-25A
0x36
LM3530UMX-40
0x38
LM3530UMX-40B
0x39
6 Pin Configuration and Functions
DSBGA (YFZ or YFQ) Package
12 Pins
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NUMBER
NAME
A1
SDA
I/O
Serial data connection for I2C-compatible interface.
A2
SCL
I
Serial data connection for I2C-compatible interface.
A3
SW
PWR
Inductor connection, diode anode connection, and drain connection for internal NFET. Connect
the inductor and diode as close as possible to SW to reduce parasitic inductance and capacitive
coupling to nearby traces.
B1
PWM
I
External PWM brightness control input and simple enable input.
B2
INT
O
Logic interrupt output signaling the ALS zone has changed.
B3
GND
Ground
C1
ALS2
I
Ambient light sensor input 2 with programmable internal pull-down resistor.
C2
HWEN
I
Active high hardware enable (active low reset). pull this pin high to enable the LM3530.
C3
IN
PWR
Input voltage connection. Connect a 2.7-V to 5.5-V supply to IN and bypass to GND with a 2.2-
µF or greater ceramic capacitor.
D1
ALS1
I
Ambient light sensor input 1 with programmable internal pulldown resistor.
D2
OVP
I
Output voltage sense connection for overvoltage sensing. Connect OVP to the positive terminal
of the output capacitor.
D3
ILED
PWR
Input terminal to internal current sink. The boost converter regulates ILED to 0.4 V.
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com